Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA8602BD Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA8602BD
Description  LOW VOLTAGE AUDIO AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA8602BD Datasheet(HTML) 2 Page - Samsung semiconductor

  KA8602BD Datasheet HTML 1Page - Samsung semiconductor KA8602BD Datasheet HTML 2Page - Samsung semiconductor KA8602BD Datasheet HTML 3Page - Samsung semiconductor KA8602BD Datasheet HTML 4Page - Samsung semiconductor KA8602BD Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KA8602B
LOW VOLTAGE AUDIO AMPLIFIER
PIN CONFIGURATION
Fig. 2
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
8
7
6
5
KA8602B
INPUT(+)
INPUT(-)
OUTPUT1
Vcc
RIPPLE REJECTION
MUTE
OUTPUT2
GND
Pin No
Symbol
Description
1
Input (+)
Analog Ground for the amplifiers. A 1.0
µF capacitor at this pin (with a 5.0µF
capacitor at pin 8) provides 52dB (Typ) of power supply rejection. Turn-on time of
the circuit is affected by the capacitor on this pin. This pin can be used as an
alternative input.
2
Input (-)
Amplifier input. The input capacitor and resistor set low frequency roll-off and input
impedance. The feedback resistor is connected between this pin and output1.
3
Output 1
Amplifier 1’s output. The DC Level is
(VCC - 0.7V)/2.
4
VCC
DC supply voltage (+2.0 ~ + 16V) is applied to this pin.
5
GND
Ground pin.
6
Output 2
Amplifier 2’s output. This signal is equal in amplitude, but 180
o out of phase with
that at output1. The DC level is
(VCC - 0.7V)/2.
7
Mute
This pin can be used to power down the IC to conserve power, or for muting, or
both. When at a logic “Low” (0 to 0.8 volts), the KA8602B is enabled for normal
operation. When at a logic “High” (2.0 to VCC volts), the IC is disabled. If Mute is
open, that is equivalent to a logic “Low”.
8
Ripple
Rejection
A capacitor at this pin increases power supply rejection, and affects turn-on time.
This pin can be left open if the capacitor at pin 1 is sufficient.
Characteristic
Symbol
Vale
Unit
Supply Voltage
Output Current (output pin)
Maximum Voltage (input, Ripple rejection, Mute pin)
Applied Output Voltage (output pin) when disabled
Junction Temperature
VCC
IO
VI (MAX)
VO
TJ
- 1.0 ~ + 18
± 250
- 1.0 ~ VCC + 1.0
- 1.0 ~ VCC + 1.0
- 55 ~ + 140
V
mA
V
V
°C
l
l
l
l


Similar Part No. - KA8602BD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
140Kb / 6P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
KA8602 UTC-KA8602 Datasheet
139Kb / 6P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
KA8602 ETC1-KA8602 Datasheet
172Kb / 4P
   Linear Intergrated Circuit
logo
Unisonic Technologies
KA8602-D08-T UTC-KA8602-D08-T Datasheet
140Kb / 6P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
KA8602-S08-R UTC-KA8602-S08-R Datasheet
140Kb / 6P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - KA8602BD

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8602B SAMSUNG-S1T8602B Datasheet
66Kb / 8P
   LOW VOLTAGE AUDIO AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
   LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
New Japan Radio
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602_15 Datasheet
200Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com