Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

358431226 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 358431226
Description  PT Bulb Socket, Sealed, Single Housing Assembly, Type C, White
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

358431226 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  358431226 Datasheet HTML 1Page - Molex Electronics Ltd. 358431226 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0358431226
Status:
Active
Description:
PT Bulb Socket, Sealed, Single Housing Assembly, Type C, White
Documents:
3D Model
Product Specification PS-35842-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Other Sockets
Series
35843
Comments
C-Type
Component Type
Socket
Product Name
Bulb Socket
Physical
Circuits (Loaded)
2
Color - Resin
White
Durability (mating cycles max)
30
Entry Angle
Vertical
Keying to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Resin
Nylon
PCB Locator
No
PCB Retention
N/A
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A, 7A
Voltage - Maximum
12V
Material Info
Reference - Drawing Numbers
Product Specification
PS-35842-001
Sales Drawing
SD-35843-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35843Series
Mates With
Lamp
Use With
35464 Positive Terminal for PT Bulb Socket,
35465 Earth Terminal for PT Bulb Socket
This document was generated on 03/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 358431226

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
358431221 MOLEX5-358431221 Datasheet
151Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Black
358431225 MOLEX5-358431225 Datasheet
151Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Gray
358431225 MOLEX-358431225 Datasheet
157Kb / 1P
   SEALED PT BULB SOCKET SINGLE HOUSING ASSY (C-TYPE)
021/07/01
358431227 MOLEX5-358431227 Datasheet
151Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Brown
358431227 MOLEX-358431227 Datasheet
157Kb / 1P
   SEALED PT BULB SOCKET SINGLE HOUSING ASSY (C-TYPE)
2021/07/01
More results

Similar Description - 358431226

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0358431206 MOLEX5-0358431206 Datasheet
155Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type A, White
0358431246 MOLEX5-0358431246 Datasheet
155Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type D, White
0358431236 MOLEX5-0358431236 Datasheet
156Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type EC, White
0358431216 MOLEX5-0358431216 Datasheet
150Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type B, White
0358431230 MOLEX5-0358431230 Datasheet
156Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Natural
0358431227 MOLEX5-0358431227 Datasheet
151Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Brown
0358431225 MOLEX5-0358431225 Datasheet
151Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Gray
0358431221 MOLEX5-0358431221 Datasheet
151Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, Black
0355330226 MOLEX5-0355330226 Datasheet
150Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type C, Unsealed, White
SD-35843-003 MOLEX-SD-35843-003 Datasheet
157Kb / 1P
   SEALED PT BULB SOCKET SINGLE HOUSING ASSY (C-TYPE)
2021/07/01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com