Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RZ37HC-TL Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RN5RZ37HC-TL
Description  LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RZ37HC-TL Datasheet(HTML) 5 Page - RICOH electronics devices division

  RN5RZ37HC-TL Datasheet HTML 1Page - RICOH electronics devices division RN5RZ37HC-TL Datasheet HTML 2Page - RICOH electronics devices division RN5RZ37HC-TL Datasheet HTML 3Page - RICOH electronics devices division RN5RZ37HC-TL Datasheet HTML 4Page - RICOH electronics devices division RN5RZ37HC-TL Datasheet HTML 5Page - RICOH electronics devices division RN5RZ37HC-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RZ37HC-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RZ37HC-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RZ37HC-TL Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SELECTION GUIDE
RN5RZ
2
BLOCK DIAGRAMS
2
5
1
VOUT
GND
VDD
CE
Vref
3
Current Limit
2
5
1
VOUT
GND
VDD
CE
+
Vref
3
Current Limit
+
RN5RZ
××A
RN5RZ
××B
RN5RZ
××××××←Part Number
↑ ↑ ↑ ↑
a b c
d
The output voltage, the active type of the chip enable circuit, the packing type, and the taping type for the ICs
can be selected at the user's request.
These selections can be made by designating the part number as shown below:
Code
Contents
a
Setting Output Voltage (VOUT) :
Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is possible.
Designation of Active Type of The Chip Enable Circuit :
b
A : “L” active type
B : “H” active type
Designation of Packing Type :
c
A : Taping
C : Antistatic bag (for Samples only)
d
Designation of Taping Type :
Ex. TR, TL (refer to Taping Specifications ; TR type is the standard direction.)
For example, the product with Output Voltage of 5.0V, Specified Polarity of Chip Enable is “H” active and Taping
Type TR is designated by Part Number RN5RZ50BA-TR.


Similar Part No. - RN5RZ37HC-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RZ30AA-TR-FE RICOH-RN5RZ30AA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ30BA-TR-FE RICOH-RN5RZ30BA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ30CA-TR-FE RICOH-RN5RZ30CA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ35AA-TR-FE RICOH-RN5RZ35AA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ35BA-TR-FE RICOH-RN5RZ35BA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
More results

Similar Description - RN5RZ37HC-TL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_11 Datasheet
245Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com