Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36538-0016 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 36538-0016
Description  6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Compliant Polarizing Peg, 15 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

36538-0016 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  36538-0016 Datasheet HTML 1Page - Molex Electronics Ltd. 36538-0016 Datasheet HTML 2Page - Molex Electronics Ltd. 36538-0016 Datasheet HTML 3Page - Molex Electronics Ltd. 36538-0016 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0365380016
Status:
Active
Overview:
mlx
Description:
6.35mm (.250") Pitch MLX™ Power Connector Header, Vertical, with Compliant
Polarizing Peg, 15 Circuits, Unreinforced Polyester 94V-0, White
Documents:
3D Model
Product Specification PSX-42002-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
36538
Application
Wire-to-Board
Overview
mlx
Product Name
MLX™
Physical
Breakaway
No
Circuits (Loaded)
15
Circuits (maximum)
15
Circuits Detail
With Compliant Polarizing Peg
Color - Resin
Natural
Durability (mating cycles max)
50
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin-Lead
Material - Resin
Polyester
Number of Rows
5
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.250 In
Pitch - Mating Interface (mm)
6.35 mm
Pitch - Term. Interface (in)
0.250 In
Pitch - Term. Interface (mm)
6.35 mm
Plating min: Mating (µin)
20
Plating min: Mating (µm)
0.51
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
9A
Voltage - Maximum
600V
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36538Series


Similar Part No. - 36538-0016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
36538-0016 MOLEX11-36538-0016 Datasheet
34Kb / 2P
   6.35mm Pitch MLX Power Connector Header, Vertical, with Compliant Polarizing Peg, 15 Circuits, Unreinforced Polyester 94V-0, White
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com