Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0355080700 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0355080700
Description  1.00mm (.039") Diameter Wire-to-Board Receptacle Housing - Single Row
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0355080700 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0355080700 Datasheet HTML 1Page - Molex Electronics Ltd. 0355080700 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0355080700

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0355060510 MOLEX5-0355060510 Datasheet
122Kb / 2P
   2.79mm (.110") MP-Lock??Tab Housing, Female, 5 Circuits
0355070200 MOLEX5-0355070200 Datasheet
313Kb / 4P
   2.00mm (.079") Pitch Sherlock??Wire-to-Board Housing, Natural, 2 Circuits
0355070201 MOLEX5-0355070201 Datasheet
313Kb / 4P
   2.00mm (.079") Pitch Sherlock??Wire-to-Board Housing, Black, 2 Circuits
0355070202 MOLEX5-0355070202 Datasheet
313Kb / 4P
   2.00mm (.079") Pitch Sherlock??Wire-to-Board Housing, Red, 2 Circuits
0355070203 MOLEX5-0355070203 Datasheet
313Kb / 4P
   2.00mm (.079") Pitch Sherlock??Wire-to-Board Housing, Yellow, 2 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com