Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43255-0137 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 43255-0137
Description  6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 6 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43255-0137 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  43255-0137 Datasheet HTML 1Page - Molex Electronics Ltd. 43255-0137 Datasheet HTML 2Page - Molex Electronics Ltd. 43255-0137 Datasheet HTML 3Page - Molex Electronics Ltd. 43255-0137 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
9A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43255-002
Product Specification
PSX-42002-0001
Sales Drawing
SDA-43255-00**
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 43255-0137

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43255-0137 MOLEX-43255-0137 Datasheet
222Kb / 2P
   HEADER HOUSING ASSEMBLY .084/(2.13) SERIES WITH COMPLIANT-POLARIZING PEG
2021/06/08
43255-0137 MOLEX-43255-0137 Datasheet
222Kb / 2P
   HEADER HOUSING ASSEMBLY .084/(2.13) SERIES WITH COMPLIANT-POLARIZING PEG
2004/06/08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com