Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0395280004 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0395280004
Description  5.00mm (.197") Pitch Eurostyle??Horizontal PCB Dual Level Header, Open Ends, 4 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395280004 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0395280004 Datasheet HTML 1Page - Molex Electronics Ltd. 0395280004 Datasheet HTML 2Page - Molex Electronics Ltd. 0395280004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
Dimensional Information
Dim. A
Dim B
Circuit
size
100% Tin
30 u" Gold
100% Tin
30 u" Gold
mm
inch
mm
inch
4
395280004
395280504
395285004
395285504
10.00
0.394
5.00
0.197
6
395280006
395280506
395285006
395285506
15.00
0.591
10.00
0.394
8
395280008
395280508
395285008
395285508
20.00
0.787
15.00
0.591
10
395280010
395280510
395285010
395285510
25.00
0.984
20.00
0.787
12
395280012
395280512
395285012
395285512
30.00
1.181
25.00
0.984
14
395280014
395280514
395285014
395285514
35.00
1.378
30.00
1.181
16
395280016
395280516
395285016
395285516
40.00
1.575
35.00
1.378
18
395280018
395280518
395285018
395285518
45.00
1.772
40.00
1.575
20
395280020
395280520
395285020
395285520
50.00
1.969
45.00
1.772
22
395280022
395280522
395285022
395285522
55.00
2.165
50.00
1.969
24
395280024
395280524
395285024
395285524
60.00
2.362
55.00
2.165
26
395280026
395280526
395285026
395285526
65.00
2.559
60.00
2.362
28
395280028
395280528
395285028
395285528
70.00
2.756
65.00
2.559
30
395280030
395280530
395285030
395285530
75.00
2.953
70.00
2.756
32
395280032
395280532
395285032
395285532
80.00
3.150
75.00
2.953
34
395280034
395280534
395285034
395285534
85.00
3.346
80.00
3.150
36
395280036
395280536
395285036
395285536
90.00
3.543
85.00
3.346
38
395280038
395280538
395285038
395285538
95.00
3.740
90.00
3.543
40
395280040
395280540
395285040
395285540
100.00
3.937
95.00
3.740
42
395280042
395280542
395285042
395285542
105.00
4.134
100.00
3.937
44
395280044
395280544
395285044
395285544
110.00
4.331
105.00
4.134
46
395280046
395280546
395285046
395285546
115.00
4.528
110.00
4.331
48
395280048
395280548
395285048
395285548
120.00
4.724
115.00
4.528


Similar Part No. - 0395280004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395280006 MOLEX5-0395280006 Datasheet
139Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Dual Level Header, Open Ends, 6 Circuits
0395280008 MOLEX5-0395280008 Datasheet
139Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Dual Level Header, Open Ends, 8 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com