Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395221006 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 395221006
Description  5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, 6 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395221006 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  395221006 Datasheet HTML 1Page - Molex Electronics Ltd. 395221006 Datasheet HTML 2Page - Molex Electronics Ltd. 395221006 Datasheet HTML 3Page - Molex Electronics Ltd. 395221006 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
5.0mm, Euro Header, Right Angle
2
395221002
395221102
395221202
395221502
395221602
395221702
395226002
395226102
395226202
395226502
395226602
395226702
12.00
0.472
5.00
0.197
5.0mm, Euro Header, Right Angle
3
395221003
395221103
395221203
395221503
395221603
395221703
395226003
395226103
395226203
395226503
395226603
395226703
17.00
0.669
10.00
0.394
5.0mm, Euro Header, Right Angle
4
395221004
395221104
395221204
395221504
395221604
395221704
395226004
395226104
395226204
395226504
395226604
395226704
22.00
0.866
15.00
0.591
5.0mm, Euro Header, Right Angle
5
395221005
395221105
395221205
395221505
395221605
395221705
395226005
395226105
395226205
395226505
395226605
395226705
27.00
1.063
20.00
0.787
5.0mm, Euro Header, Right Angle
6
395221006
395221106
395221206
395221506
395221606
395221706
395226006
395226106
395226206
395226506
395226606
395226706
32.00
1.260
25.00
0.984
5.0mm, Euro Header, Right Angle
7
395221007
395221107
395221207
395221507
395221607
395221707
395226007
395226107
395226207
395226507
395226607
395226707
37.00
1.457
30.00
1.181
5.0mm, Euro Header, Right Angle
8
395221008
395221108
395221208
395221508
395221608
395221708
395226008
395226108
395226208
395226508
395226608
395226708
42.00
1.654
35.00
1.378
5.0mm, Euro Header, Right Angle
9
395221009
395221109
395221209
395221509
395221609
395221709
395226009
395226109
395226209
395226509
395226609
395226709
47.00
1.850
40.00
1.575
5.0mm, Euro Header, Right Angle
10
395221010
395221110
395221210
395221510
395221610
395221710
395226010
395226110
395226210
395226510
395226610
395226710
52.00
2.047
45.00
1.772
5.0mm, Euro Header, Right Angle
11
395221011
395221111
395221211
395221511
395221611
395221711
395226011
395226111
395226211
395226511
395226611
395226711
57.00
2.244
50.00
1.969
5.0mm, Euro Header, Right Angle
12
395221012
395221112
395221212
395221512
395221612
395221712
395226012
395226112
395226212
395226512
395226612
395226712
62.00
2.441
55.00
2.165
5.0mm, Euro Header, Right Angle
13
395221013
395221113
395221213
395221513
395221613
395221713
395226013
395226113
395226213
395226513
395226613
395226713
67.00
2.638
60.00
2.362
5.0mm, Euro Header, Right Angle
14
395221014
395221114
395221214
395221514
395221614
395221714
395226014
395226114
395226214
395226514
395226614
395226714
72.00
2.835
65.00
2.559
5.0mm, Euro Header, Right Angle
15
395221015
395221115
395221215
395221515
395221615
395221715
395226015
395226115
395226215
395226515
395226615
395226715
77.00
3.031
70.00
2.756
5.0mm, Euro Header, Right Angle
16
395221016
395221116
395221216
395221516
395221616
395221716
395226016
395226116
395226216
395226516
395226616
395226716
82.00
3.228
75.00
2.953
5.0mm, Euro Header, Right Angle
17
395221017
395221117
395221217
395221517
395221617
395221717
395226017
395226117
395226217
395226517
395226617
395226717
87.00
3.425
80.00
3.150
5.0mm, Euro Header, Right Angle
18
395221018
395221118
395221218
395221518
395221618
395221718
395226018
395226118
395226218
395226518
395226618
395226718
92.00
3.622
85.00
3.346
5.0mm, Euro Header, Right Angle
19
395221019
395221119
395221219
395221519
395221619
395221719
395226019
395226119
395226219
395226519
395226619
395226719
97.00
3.819
90.00
3.543
5.0mm, Euro Header, Right Angle
20
395221020
395221120
395221220
395221520
395221620
395221720
395226020
395226120
395226220
395226520
395226620
395226720
102.00
4.016
95.00
3.740
5.0mm, Euro Header, Right Angle
21
395221021
395221121
395221221
395221521
395221621
395221721
395226021
395226121
395226221
395226521
395226621
395226721
107.00
4.213
100.00
3.937
5.0mm, Euro Header, Right Angle
22
395221022
395221122
395221222
395221522
395221622
395221722
395226022
395226122
395226222
395226522
395226622
395226722
112.00
4.409
105.00
4.134
5.0mm, Euro Header, Right Angle
23
395221023
395221123
395221223
395221523
395221623
395221723
395226023
395226123
395226223
395226523
395226623
395226723
117.00
4.606
110.00
4.331
5.0mm, Euro Header, Right Angle
24
395221024
395221124
395221224
395221524
395221624
395221724
395226024
395226124
395226224
395226524
395226624
395226724
122.00
4.803
115.00
4.528


Similar Part No. - 395221006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395221002 MOLEX5-395221002 Datasheet
247Kb / 6P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, 2 Circuits
395221003 MOLEX5-395221003 Datasheet
168Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, 3 Circuits
395221004 MOLEX5-395221004 Datasheet
168Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, 4 Circuits
395221005 MOLEX5-395221005 Datasheet
168Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, 5 Circuits
395221007 MOLEX5-395221007 Datasheet
168Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Horizontal PCB Header, 7 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com