Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42492-0418 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 42492-0418
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Press-fit Plastic Peg PCB Lock, 2 Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

42492-0418 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

  42492-0418 Datasheet HTML 1Page - Molex Electronics Ltd. 42492-0418 Datasheet HTML 2Page - Molex Electronics Ltd. 42492-0418 Datasheet HTML 3Page - Molex Electronics Ltd. 42492-0418 Datasheet HTML 4Page - Molex Electronics Ltd. 42492-0418 Datasheet HTML 5Page - Molex Electronics Ltd. 42492-0418 Datasheet HTML 6Page - Molex Electronics Ltd. 42492-0418 Datasheet HTML 7Page - Molex Electronics Ltd. 42492-0418 Datasheet HTML 8Page - Molex Electronics Ltd. 42492-0418 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
42492
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-2116
F6
DATE:
2/26/2009
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK RT ANGLE
WITH PEGS
- 6 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42492-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-42492-0417/0431
Group
A-42492-0432/0443
Group
A-42492-0444/0456
Group
A-42492-0461/0473
Header No:
41790-0036/0052
Header No:
41790-0041/0052
Header No:
41790-0040/0052
Header No:
41790-0040/0052
Pin No:
2161-37(102)
Pin No:
2161-37(102)
Pin No:
2161-37(102)
Pin No:
2161-37(102)
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
102 – TIN
Pin Length L
27.94/1.100
Pin Length L
27.94/1.100
Pin Length L
27.94/1.100
Pin Length L
27.94/1.100
Mating
M
11.43 / .450
Mating
M
11.43/. 450
Mating
M
11.43/. 450
Mating
M
11.43/. 450
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Dim. Y
5.41/ .213
Dim. Y
5.41/ .213
Dim. Y
5.41/ .213
Dim. Y
5.41/ .213
PC Tail
P
3.96 / .156
PC Tail
P
3.96/ . 156
PC Tail
P
3.96/. 156
PC Tail
P
3.96/. 156
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
2, 4
Voided Ckts
1,4,5,6,7
Voided CKts
3, 6
Voided Ckts
4, 6
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
3
4
42492-0417
A-42492-0417
5
42492-0418
A-42492-0418
6
42492-0419
A-42492-0419
42492-0444
A-42492-0444
7
42492-0420
A-42492-0420
42492-0432
A-42492-0432
42492-0445
A-42492-0445
42492-0462
A-42492-0462
8
42492-0421
A-42492-0421
42492-0433
A-42492-0433
42492-0446
A-42492-0446
9
42492-0422
A-42492-0422
42492-0434
A-42492-0434
42492-0447
A-42492-0447
10
42492-0423
A-42492-0423
42492-0435
A-42492-0435
42492-0448
A-42492-0448
11
42492-0424
A-42492-0424
42492-0436
A-42492-0436
42492-0449
A-42492-0449
12
42492-0425
A-42492-0425
42492-0437
A-42492-0437
42492-0450
A-42492-0450
13
14
15
16
17
18


Similar Part No. - 42492-0418

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42492 MOLEX-42492 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com