Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42492-0409 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 42492-0409
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Press-fit Plastic Peg PCB Lock, 2 Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

42492-0409 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  42492-0409 Datasheet HTML 1Page - Molex Electronics Ltd. 42492-0409 Datasheet HTML 2Page - Molex Electronics Ltd. 42492-0409 Datasheet HTML 3Page - Molex Electronics Ltd. 42492-0409 Datasheet HTML 4Page - Molex Electronics Ltd. 42492-0409 Datasheet HTML 5Page - Molex Electronics Ltd. 42492-0409 Datasheet HTML 6Page - Molex Electronics Ltd. 42492-0409 Datasheet HTML 7Page - Molex Electronics Ltd. 42492-0409 Datasheet HTML 8Page - Molex Electronics Ltd. 42492-0409 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
42492
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-2116
F6
DATE:
2/26/2009
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK RT ANGLE
WITH PEGS
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42492-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-42492-0289/0302
Group
A-42492-0303/0318
Group
A-42492-0019/0035
Group
A-42492-0400/0416
Header No:
41790-0039/0052
Header No:
41790-0037/0052
Header No:
41790-0036/0052
Header No:
41790-0036/0052
Pin No:
2161-37(102)
Pin No:
2161-37(102)
Pin No:
2161-37(501)
Pin No:
2161-19(102)
Plating:
102 – TIN
Plating:
102 – TIN
Plating:
501 - GOLD
Plating:
102 - TIN
Pin Length L
27.94/1.100
Pin Length L
27.94/1.100
Pin Length L
27.94/1.100
Pin Length L
26.21/ 1.032
Mating
M
11.43 / .450
Mating
M
11.43/. 450
Mating
M
11.43/. 450
Mating
M
11.43/. 450
Gold Loc G
N/A
Gold Loc G
6.86/. 270
Gold Loc G
OVERALL
Gold Loc G
N/A
Dim. Y
5.41/ .213
Dim. Y
5.41/ .213
Dim. Y
5.41/ .213
Dim. Y
5.41/ .213
PC Tail
P
3.96 / .156
PC Tail
P
3.96/ . 156
PC Tail
P
3.96/. 156
PC Tail
P
2.23/ .088
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
N/A
Tin Loc
T
OVERALL
Voided Ckts
5
Voided Ckts
3
Voided CKts
NONE
Voided Ckts
NONE
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-65-5020
A-42492-0019
42492-0400
A-42492-0400
3
424-92-0303
A-42492-0303
26-65-5030
A-42492-0020
42492-0401
A-42492-0401
4
424-92-0304
A-42492-0304
26-65-5040
A-42492-0021
42492-0402
A-42492-0402
5
424-92-0289
A-42492-0289
424-92-0305
A-42492-0305
26-65-5050
A-42492-0022
42492-0403
A-42492-0403
6
424-92-0290
A-42492-0290
424-92-0306
A-42492-0306
26-65-5060
A-42492-0023
42492-0404
A-42492-0404
7
424-92-0291
A-42492-0291
424-92-0307
A-42492-0307
26-65-5070
A-42492-0024
42492-0405
A-42492-0405
8
424-92-0292
A-42492-0292
424-92-0308
A-42492-0308
26-65-5080
A-42492-0025
42492-0406
A-42492-0406
9
424-92-0293
A-42492-0293
424-92-0309
A-42492-0309
26-65-5090
A-42492-0026
42492-0407
A-42492-0407
10
424-92-0294
A-42492-0294
424-92-0310
A-42492-0310
26-65-5100
A-42492-0027
42492-0408
A-42492-0408
11
424-92-0295
A-42492-0295
424-92-0311
A-42492-0311
26-65-5110
A-42492-0028
42492-0409
A-42492-0409
12
424-92-0296
A-42492-0296
424-92-0312
A-42492-0312
26-65-5120
A-42492-0029
42492-0410
A-42492-0410
13
14
15
16
17
18


Similar Part No. - 42492-0409

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42492 MOLEX-42492 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com