Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0354548902 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0354548902
Description  3.18mm (.125") Diameter MagKrimp??Pin Cluster Block Connector Terminal, Wire Range CMA 1500-4200
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0354548902 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0354548902 Datasheet HTML 1Page - Molex Electronics Ltd. 0354548902 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0354548902
Status:
Active
Description:
3.18mm (.125") Diameter MagKrimp™ Pin Cluster Block Connector Terminal, Wire
Range CMA 1500-4200
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35548-001 (PDF)
General
Product Family
Crimp Terminals
Series
35454
Crimp Quality Equipment
Yes
Product Name
MagKrimp™(Magnet Wire)
Physical
Durability (mating cycles max)
30
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.00-1.70mm (.039-.067")
Wire Size AWG
N/A
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35548-001
Sales Drawing
SD-35454-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35454Series
Use With
35548 Housing
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0354548902

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0354548702 MOLEX5-0354548702 Datasheet
131Kb / 2P
   3.18mm (.125") Diameter MagKrimp??Pin Cluster Block Connector Terminal, Wire Range CMA 400-1600
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com