Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0395161007 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0395161007
Description  3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 7 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395161007 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0395161007 Datasheet HTML 1Page - Molex Electronics Ltd. 0395161007 Datasheet HTML 2Page - Molex Electronics Ltd. 0395161007 Datasheet HTML 3Page - Molex Electronics Ltd. 0395161007 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Dim C
Description
Circuit
size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
mm
inch
3.81mm, Euro Header, Right Angle, Mounting Ends
2
395161002
395161102
395161202
395161502
395161602
395161702
395166002
395166102
395166202
395166502
395166602
395166702
18.01
0.709
3.81
0.150
12.81
0.504
3.81mm, Euro Header, Right Angle, Mounting Ends
3
395161003
395161103
395161203
395161503
395161603
395161703
395166003
395166103
395166203
395166503
395166603
395166703
21.82
0.859
7.62
0.300
16.62
0.654
3.81mm, Euro Header, Right Angle, Mounting Ends
4
395161004
395161104
395161204
395161504
395161604
395161704
395166004
395166104
395166204
395166504
395166604
395166704
25.63
1.009
11.43
0.450
20.43
0.804
3.81mm, Euro Header, Right Angle, Mounting Ends
5
395161005
395161105
395161205
395161505
395161605
395161705
395166005
395166105
395166205
395166505
395166605
395166705
29.44
1.159
15.24
0.600
24.24
0.954
3.81mm, Euro Header, Right Angle, Mounting Ends
6
395161006
395161106
395161206
395161506
395161606
395161706
395166006
395166106
395166206
395166506
395166606
395166706
33.25
1.309
19.05
0.750
28.05
1.104
3.81mm, Euro Header, Right Angle, Mounting Ends
7
395161007
395161107
395161207
395161507
395161607
395161707
395166007
395166107
395166207
395166507
395166607
395166707
37.06
1.459
22.86
0.900
31.86
1.254
3.81mm, Euro Header, Right Angle, Mounting Ends
8
395161008
395161108
395161208
395161508
395161608
395161708
395166008
395166108
395166208
395166508
395166608
395166708
40.87
1.609
26.67
1.050
35.67
1.404
3.81mm, Euro Header, Right Angle, Mounting Ends
9
395161009
395161109
395161209
395161509
395161609
395161709
395166009
395166109
395166209
395166509
395166609
395166709
44.68
1.759
30.48
1.200
39.48
1.554
3.81mm, Euro Header, Right Angle, Mounting Ends
10
395161010
395161110
395161210
395161510
395161610
395161710
395166010
395166110
395166210
395166510
395166610
395166710
48.49
1.909
34.29
1.350
43.29
1.704
3.81mm, Euro Header, Right Angle, Mounting Ends
11
395161011
395161111
395161211
395161511
395161611
395161711
395166011
395166111
395166211
395166511
395166611
395166711
52.30
2.059
38.10
1.500
47.10
1.854
3.81mm, Euro Header, Right Angle, Mounting Ends
12
395161012
395161112
395161212
395161512
395161612
395161712
395166012
395166112
395166212
395166512
395166612
395166712
56.11
2.209
41.91
1.650
50.91
2.004
3.81mm, Euro Header, Right Angle, Mounting Ends
13
395161013
395161113
395161213
395161513
395161613
395161713
395166013
395166113
395166213
395166513
395166613
395166713
59.92
2.359
45.72
1.800
54.72
2.154
3.81mm, Euro Header, Right Angle, Mounting Ends
14
395161014
395161114
395161214
395161514
395161614
395161714
395166014
395166114
395166214
395166514
395166614
395166714
63.73
2.509
49.53
1.950
58.53
2.304
3.81mm, Euro Header, Right Angle, Mounting Ends
15
395161015
395161115
395161215
395161515
395161615
395161715
395166015
395166115
395166215
395166515
395166615
395166715
67.54
2.659
53.34
2.100
62.34
2.454
3.81mm, Euro Header, Right Angle, Mounting Ends
16
395161016
395161116
395161216
395161516
395161616
395161716
395166016
395166116
395166216
395166516
395166616
395166716
71.35
2.809
57.15
2.250
66.15
2.604
3.81mm, Euro Header, Right Angle, Mounting Ends
17
395161017
395161117
395161217
395161517
395161617
395161717
395166017
395166117
395166217
395166517
395166617
395166717
75.16
2.959
60.96
2.400
69.96
2.754
3.81mm, Euro Header, Right Angle, Mounting Ends
18
395161018
395161118
395161218
395161518
395161618
395161718
395166018
395166118
395166218
395166518
395166618
395166718
78.97
3.109
64.77
2.550
73.77
2.904
3.81mm, Euro Header, Right Angle, Mounting Ends
19
395161019
395161119
395161219
395161519
395161619
395161719
395166019
395166119
395166219
395166519
395166619
395166719
82.78
3.259
68.58
2.700
77.58
3.054
3.81mm, Euro Header, Right Angle, Mounting Ends
20
395161020
395161120
395161220
395161520
395161620
395161720
395166020
395166120
395166220
395166520
395166620
395166720
86.59
3.409
72.39
2.850
81.39
3.204


Similar Part No. - 0395161007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395161002 MOLEX5-0395161002 Datasheet
250Kb / 6P
   3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 2 Circuits
0395161003 MOLEX5-0395161003 Datasheet
171Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 3 Circuits
0395161004 MOLEX5-0395161004 Datasheet
171Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 4 Circuits
0395161005 MOLEX5-0395161005 Datasheet
171Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 5 Circuits
0395161006 MOLEX5-0395161006 Datasheet
168Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 6 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com