Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42492-0280 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 42492-0280
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Press-fit Plastic Peg PCB Lock, 2 Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

42492-0280 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  42492-0280 Datasheet HTML 1Page - Molex Electronics Ltd. 42492-0280 Datasheet HTML 2Page - Molex Electronics Ltd. 42492-0280 Datasheet HTML 3Page - Molex Electronics Ltd. 42492-0280 Datasheet HTML 4Page - Molex Electronics Ltd. 42492-0280 Datasheet HTML 5Page - Molex Electronics Ltd. 42492-0280 Datasheet HTML 6Page - Molex Electronics Ltd. 42492-0280 Datasheet HTML 7Page - Molex Electronics Ltd. 42492-0280 Datasheet HTML 8Page - Molex Electronics Ltd. 42492-0280 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
42492
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-2116
F6
DATE:
2/26/2009
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK RT ANGLE
WITH PEGS
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42492-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-42492-0002/0018
Group
A-42492-0319/0335
Group
A-42492-0336/0352
Group
Header No:
41790-0036/0052
Header No:
41790-0036/0052
Header No:
41790-0036/0052
Header No:
Pin No:
2161-37(102)
Pin No:
43294-0569
Pin No:
43294-0570
Pin No:
Plating:
102 – TIN
Plating:
208 – 15 GOLD
Plating:
228 – 30 GOLD
Plating:
Pin Length L
27.94/1.100
Pin Length L
27.94/1.100
Pin Length L
27.94/1.100
Pin Length L
Mating
M
11.43 / .450
Mating
M
11.43/. 450
Mating
M
11.43/. 450
Mating
M
Gold Loc G
N/A
Gold Loc G
6.86/. 270
Gold Loc G
6.86/. 270
Gold Loc G
Dim. Y
5.41/ .213
Dim. Y
5.41/ .213
Dim. Y
5.41/ .213
Dim. Y
PC Tail
P
3.96 / .156
PC Tail
P
3.96/ . 156
PC Tail
P
3.96/. 156
PC Tail
P
Tin Loc
T
OVERALL
Tin Loc
T
5.08 / .200
Tin Loc
T
5.08 / .200
Tin Loc
T
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-64-5020
A-42492-0002
42492-0319
A-42492-0319
42492-0336
A-42492-0336
3
26-64-5030
A-42492-0003
42492-0320
A-42492-0320
42492-0337
A-42492-0337
4
26-64-5040
A-42492-0004
42492-0321
A-42492-0321
42492-0338
A-42492-0338
5
26-64-5050
A-42492-0005
42492-0322
A-42492-0322
42492-0339
A-42492-0339
6
26-64-5060
A-42492-0006
42492-0323
A-42492-0323
42492-0340
A-42492-0340
7
26-64-5070
A-42492-0007
42492-0324
A-42492-0324
42492-0341
A-42492-0341
8
26-64-5080
A-42492-0008
42492-0325
A-42492-0325
42492-0342
A-42492-0342
9
26-64-5090
A-42492-0009
42492-0326
A-42492-0326
42492-0343
A-42492-0343
10
26-64-5100
A-42492-0010
42492-0327
A-42492-0327
42492-0344
A-42492-0344
11
26-64-5110
A-42492-0011
42492-0328
A-42492-0328
42492-0345
A-42492-0345
12
26-64-5120
A-42492-0012
42492-0329
A-42492-0329
42492-0346
A-42492-0346
13
14
15
16
17
18


Similar Part No. - 42492-0280

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42492 MOLEX-42492 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com