Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T4008U1C-MF85 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6T4008U1C-MF85
Description  512Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4008U1C-MF85 Datasheet(HTML) 2 Page - Samsung semiconductor

  K6T4008U1C-MF85 Datasheet HTML 1Page - Samsung semiconductor K6T4008U1C-MF85 Datasheet HTML 2Page - Samsung semiconductor K6T4008U1C-MF85 Datasheet HTML 3Page - Samsung semiconductor K6T4008U1C-MF85 Datasheet HTML 4Page - Samsung semiconductor K6T4008U1C-MF85 Datasheet HTML 5Page - Samsung semiconductor K6T4008U1C-MF85 Datasheet HTML 6Page - Samsung semiconductor K6T4008U1C-MF85 Datasheet HTML 7Page - Samsung semiconductor K6T4008U1C-MF85 Datasheet HTML 8Page - Samsung semiconductor K6T4008U1C-MF85 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
K6T4008V1C, K6T4008U1C Family
CMOS SRAM
Revision 1.0
January 1999
2
512K
×8 bit Low Power and Low Voltage CMOS Static RAM
GENERAL DESCRIPTION
The K6T4008V1C and K6T4008U1C families are fabricated by
SAMSUNG
′s advanced CMOS process technology. The fami-
lies support various operating temperature range and have var-
ious package type for user flexibility of system design. The
families also support low data retention voltage for battery
back-up operation with low data retention current.
FEATURES
• Process Technology: TFT
• Organization: 512K×8
• Power Supply Voltage
K6T4008V1C Family: 3.0~3.6V
K6T4008U1C Family: 2.7~3.3V
• Low Data Retention Voltage: 2V(Min)
• Three state output and TTL Compatible
• Package Type: 32-SOP-525, 32-TSOP2-400F/R
32-TSOP1-0820F, 32-TSOP1-0813.4F
PIN DESCRIPTION
Name
Function
Name
Function
A0~A18 Address Inputs
Vcc
Power
WE
Write Enable Input
Vss
Ground
CS
Chip Select Input
I/O1~I/O8 Data Inputs/Outputs
OE
Output Enable Input
PRODUCT FAMILY
1. The paramerter is measured with 30pF test load.
Product Family
Operating Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Max)
Operating
(ICC2, Max)
K6T4008V1C-B
Commercial(0~70
°C)
3.0~3.6V
701)/85ns
15
µA
30mA
32-SOP
32-TSOP2-F/R
32-TSOP1-F
32-sTSOP1-F
K6T4008U1C-B
2.7~3.3V
701)/85/100ns
K6T4008V1C-F
Industrial(-40~85
°C)
3.0~3.6V
701)/85ns
20
µA
K6T4008U1C-F
2.7~3.3V
701)/85/100ns
FUNCTIONAL BLOCK DIAGRAM
32-SOP
(Forward)
32-TSOP2
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
WE
A13
A8
A9
A11
OE
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-TSOP2
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
WE
A13
A8
A9
A11
OE
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
(Reverse)
A18
A17
A17
A18
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
A15
Precharge circuit.
Memory array
1024 rows
512
×8 columns
I/O Circuit
Column select
Clk gen.
Row
select
A2 A3 A8 A9 A10
A13
A11
A0
A1
A4
A5
A6
A7
A14
CS
WE
I/O1
Data
cont
Data
cont
OE
I/O8
A12
A16
A18
A11
A9
A8
A13
WE
A17
A15
VCC
A18
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32-TSOP1
(Forward)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A17
Control
logic
32-STSOP1


Similar Part No. - K6T4008U1C-MF85

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008C SAMSUNG-K6T4008C Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C SAMSUNG-K6T4008C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-B SAMSUNG-K6T4008C1B-B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-DB55 SAMSUNG-K6T4008C1B-DB55 Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T4008U1C-MF85

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com