Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS2206C Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KS2206C
Description  2.3W DUAL AUDIO POWER AMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS2206C Datasheet(HTML) 3 Page - Samsung semiconductor

  KS2206C Datasheet HTML 1Page - Samsung semiconductor KS2206C Datasheet HTML 2Page - Samsung semiconductor KS2206C Datasheet HTML 3Page - Samsung semiconductor KS2206C Datasheet HTML 4Page - Samsung semiconductor KS2206C Datasheet HTML 5Page - Samsung semiconductor KS2206C Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA2206B
2.3W DUAL AUDIO POWER AMP
APPLICATION INFORMATION
1.Stereo application
i) Fixed voltage gain
(Pin 9 connected to GND directly)
GV = 20 log
(dB)
ii) Variable voltage gain
(Rf and C1 connected with pin 9)
GV = 20 log
(dB)
2. Bridge application
i) Fixed voltage gain (Pin 9 connected to GND directly)
GV = 20 log
+ 6(dB)
ii) Variable voltage gain RF and C1 connected with pin 9)
GV = 20 log
+ 6(dB)
8
9
-
+
CH1
11
R
F
C
1
R
2
R
1
9
-
+
CH1
RF
C
1
R1
R2
11
2
+
CH2
-
+
5
4
1
INPUT
R4
5K
50
C4
RL
C6
R
3
C2
8
R1
R2
R1
R2
R1
R2+RF
R1
R2+RF


Similar Part No. - KS2206C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS2206B SAMSUNG-KS2206B Datasheet
81Kb / 5P
   The KA2206B is a monolithic intergrated dircuit consisting of a 2-channel power amplifier.
KS2206BN SAMSUNG-KS2206BN Datasheet
81Kb / 5P
   The KA2206B is a monolithic intergrated dircuit consisting of a 2-channel power amplifier.
More results

Similar Description - KS2206C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTEA2025A UTC-UTCTEA2025A Datasheet
480Kb / 7P
   2.3W DUAL AUDIO POWER AMPLIFIER
logo
First Components Intern...
KA2206 FCI-KA2206 Datasheet
435Kb / 8P
   2.3W Dual Audio Power Amplifier
logo
List of Unclassifed Man...
CD2025B ETC1-CD2025B Datasheet
54Kb / 3P
   2.3W DUAL AUDION POWER AMP
KA2206 ETC-KA2206 Datasheet
429Kb / 8P
   KA2206 2.3W Dual Audio Power Amplifier
CD2025CP ETC2-CD2025CP Datasheet
154Kb / 4P
   2.3W X 2 Dual-channel audio power amplifier
CD2025 ETC2-CD2025 Datasheet
198Kb / 4P
   2.3W x 2 dual-channel audio power amplifier
logo
NTE Electronics
NTE1367 NTE-NTE1367 Datasheet
30Kb / 3P
   Integrated Circuit Dual, Audio Power Amp, 2.3W to 5W (4.6W to 15W BTL)
logo
Wuxi Youda electronics ...
YD2025 YOUDA-YD2025 Datasheet
157Kb / 4P
   2.3W STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
2206 UTC-2206 Datasheet
121Kb / 4P
   2.5W DUAL AUDIO POWER AMP
logo
Wuxi Youda electronics ...
YD2206 YOUDA-YD2206 Datasheet
76Kb / 4P
   2.5W DUAL AUDIO POWER AMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com