Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5VD29CA-TR Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RN5VD29CA-TR
Description  VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5VD29CA-TR Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RN5VD29CA-TR Datasheet HTML 4Page - RICOH electronics devices division RN5VD29CA-TR Datasheet HTML 5Page - RICOH electronics devices division RN5VD29CA-TR Datasheet HTML 6Page - RICOH electronics devices division RN5VD29CA-TR Datasheet HTML 7Page - RICOH electronics devices division RN5VD29CA-TR Datasheet HTML 8Page - RICOH electronics devices division RN5VD29CA-TR Datasheet HTML 9Page - RICOH electronics devices division RN5VD29CA-TR Datasheet HTML 10Page - RICOH electronics devices division RN5VD29CA-TR Datasheet HTML 11Page - RICOH electronics devices division RN5VD29CA-TR Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
RN5VD
7
• RN5VD18A/C
Topt=25˚C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit.
–VDET
VHYS
ISS
VDDH
Detector Threshold
Detector Threshold Hysteresis
Supply Current
Maximum Operating Voltage
VDD=1.7V
VDD=3.8V
1.755
1.800
1.845
V
0.054
0.090
0.126
V
2.5
1.0
5.0
3.0
µA
10
V
VDDL
Minimum Operating Voltage
(
Note 1)
Topt=25˚C
–30˚C
≤Topt≤85˚C
0.55
0.65
0.70
0.80
V
IOUT
Output Current
Nch
Pch
VDS=–2.1V, VDD=4.5V
VDS=0.05V, VDD=0.7V
VDS=0.5V, VDD=1.5V
0.01
1.0
0.05
2.0
1.0
2.0
mA
mA
VTCD
CD pin Threshold Voltage
VDD=1.98V
0.693
0.990
1.287
V
ICD
CD pin Sink Current
VDS=0.1V, VDD=0.7V
VDS=0.5V, VDD=1.5V
2.0
200.0
30
800.0
µA
RD
Delay Resistance
0.5
1.0
2.0
M
∆–VDET
∆Topt
Detector Threshold
Temperature Coefficient
–30˚C
≤Topt≤85˚C
±100
ppm/˚C
(Note 1) Minimum Operating Voltage means the value of input voltage when output voltage maintains 0.1V or less, provided that in the case of Nch
Open Drain Type Products, the pull-up resistance is set at 470k
Ω, and the pull-up voltage is set at 5.0V.


Similar Part No. - RN5VD29CA-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VL27A RICOH-RN5VL27A Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-RF RICOH-RN5VL27A-RF Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-RR RICOH-RN5VL27A-RR Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-T1 RICOH-RN5VL27A-T1 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-T2 RICOH-RN5VL27A-T2 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
More results

Similar Description - RN5VD29CA-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
TC51N2702ECBTR MICROCHIP-TC51N2702ECBTR Datasheet
449Kb / 14P
   1UA Voltage Detector with Output Delay
05/01/02
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
499Kb / 14P
   1關A Voltage Detector with Output Delay
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com