Electronic Components Datasheet Search |
|
395111004 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
395111004 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0395111004 Status: Active Description: 3.81mm (.150") Pitch Eurostyle™ Vertical PCB Header, 4 Circuits Documents: 3D Model Product Specification PS-39500-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Terminal Blocks Series 39511 Application Wire-to-Board Component Type PCB Header Product Literature Order No USA-355 Product Name ESE, Eurostyle™Pluggable Type Euro Block Physical Circuits (Loaded) 4 Entry Angle N/A Lock to Mating Part None Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.138 In PC Tail Length (mm) 3.50 mm PCB Thickness Recommended (in) 0.098 In PCB Thickness Recommended (mm) 2.50 mm Panel Mount No Pitch - Mating Interface (in) 0.150 In Pitch - Mating Interface (mm) 3.81 mm Polarized to Mating Part Yes Shrouded Fully Stackable No Temperature Range - Operating -40°C to +105°C Wire Size AWG N/A Electrical Current - Maximum per Contact 8A Voltage - Maximum 300V Material Info Reference - Drawing Numbers Product Specification PS-39500-001 Sales Drawing SD-39501-002, SD-39511-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 39511Series Mates With Most 3.81mm (.150") Pitch Industry Standard Plugs, 39513 Vertical Plug, 39510 Horizontal Plug This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 395111004 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |