Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


KA2197D Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. KA2197D
Description  RGB ENCODER FOR NTSC
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

   
 5 page
background image
KA2197D
RGB ENCODER FOR NTSC
APPLICATION CIRCUIT
** only using external fsc input
KA2197D
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
7
9
10
11
12
0.1
µF
0.1
µF 0.1µF
0.1
µF
n.c
10
µF
n.c
+
+
10
µF
n.c
75
AUDIO
OUT
C. SYNC
IN
AUDIO
IN
B
IN
G
IN
R
IN
+
75
75
75
75
470
µF 470µF 470µF 470µF
+
+
+
n.c
n.c
n.c
10
µF
470
µF
470
µF
+
+
C OUT
Y OUT
+
0.01
µF
100
µF
Vcc(5V)
+
75
75
R
OUT
G
OUT
B
OUT
composite
video OUT
6
8
400 ~ 100mVp-p
fsc in
4.43MHz




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2195DRGB ENCODER FOR NTSC 1 2 3 4 5 MoreSamsung semiconductor
KA2198BDRGB ENCODER FOR PAL/NTSC 1 2 3 4 5 MoreSamsung semiconductor
NTE879Integrated Circuit RGB to PAL/NTSC Encoder for Color TV 1 2 3 NTE Electronics
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
AN2458SHColor Encoder IC NTSC/PAL for CCD Video Camera 1 2 3 Panasonic Semiconductor
CXA2050SY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
CXA2060BSY/C/RGB/D for PAL/NTSC/SECAM Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2061SY/C/RGB/D for NTSC Color TVs 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl