Electronic Components Datasheet Search |
|
0399700102 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0399700102 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0399700102 Status: Active Description: 10.16mm (.400") Beau™ Eurostyle™ Fixed Mount PCB Terminal Block, High Power 60A, 2 Circuits Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification UL E48521 General Product Family Terminal Blocks Series 39970 Application Wire-to-Board Component Type One Piece MolexKits Yes Product Name Eurostyle™Fixed Mount Type Euro Block Physical Circuits (Loaded) 2 Circuits (maximum) 2 Entry Angle Horizontal Flammability 94V-0 Lock to Mating Part None Material - Metal Brass, Copper Material - Plating Mating Tin Material - Plating Termination Tin Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.160 In PC Tail Length (mm) 4.06 mm PCB Retention None Panel Mount No Pitch - Mating Interface (in) 0.400 In Pitch - Mating Interface (mm) 10.16 mm Pitch - Term. Interface (in) 0.400 In Pitch - Term. Interface (mm) 10.16 mm Plating min: Mating (µin) 150 Plating min: Mating (µm) 3.8 Plating min: Termination (µin) 150 Plating min: Termination (µm) 3.8 Polarized to Mating Part N/A Shrouded Fully Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating 130°C Termination Interface: Style Through Hole Wire Size AWG 10, 12, 14, 16, 18, 8 Wire Size mm² 0.75 - 10.0 Electrical Current - Maximum per Contact 60A Voltage - Maximum 300V Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 39970Series Mates With N/A |
Similar Part No. - 0399700102 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |