Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


KA2195D Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. KA2195D
Description  RGB ENCODER FOR NTSC
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

   
 3 page
background image
KA2195D
RGB ENCODER FOR NTSC
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
While 100% Y level
V
O
0.64
0.71
0.82
V
Differiential Gain
DG
Composite Video
-
-
3.0
%
Differiential Phase
DP
Output
-
-
3.0
deg
Burst Level
V
OB
0.22
0.29
0.34
V
P-P
R Chroma Ratio
R/BN
2.8
3.15
3.5
times
G Chroma Ratio
G/BN
2.65
2.95
3.25
times
B Chroma Ratio
B/BN
2.01
2.24
2.57
times
R Phase
SR
94
104
114
deg
G Phase
SG
231
241
251
deg
B Phase
SB
337
347
357
deg
Burst Width
T
WB
2.5
2.75
3.6
us
Burst Position
T
DB
0.45
0.5
0.75
us
Carrier Leakage
VI
-
-
30
mV
P-P
C Sync. Output Level
V
OS
0.2
0.29
0.4
V
P-P
Audio Buffer Gain
G
A
1V
P-P, f=1KHz
-1.0
0
1.0
dB
Audio Freq. Response
F
A
-3dB
30
-
-
KHz
Audio Distortion
THD
1V
P-P, f=1KHz
-
-
1.0
%




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
KA2198BDRGB ENCODER FOR PAL/NTSC 1 2 3 4 5 MoreSamsung semiconductor
NTE879Integrated Circuit RGB to PAL/NTSC Encoder for Color TV 1 2 3 NTE Electronics
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
AN2458SHColor Encoder IC NTSC/PAL for CCD Video Camera 1 2 3 Panasonic Semiconductor
CXA2050SY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
CXA2060BSY/C/RGB/D for PAL/NTSC/SECAM Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2061SY/C/RGB/D for NTSC Color TVs 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl