Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


KA2195D Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. KA2195D
Description  RGB ENCODER FOR NTSC
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

   
 2 page
background image
KA2195D
RGB ENCODER FOR NTSC
* VCC 1,GND 1: EXCEPT OUTPUT STAGE
* VCC 2, GND 2: OUTPUT STAGE
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
ELECTRICAL CHARACTERISTICS(T
A=25°C, VCC=5V)
Pin No.
DESCRIPTION
Pin No
DESCRIPTION
1
GND 1
13
REGULATOR CURRENT SINK
2
RED INPUT
14
2V REGULATOR OUTPUT
3
GREEN INPUT
15
N.C
4
BLUE INPUT
16
N.C
5
X-TAL OUT
17
N.C
6
X-TAL IN
18
N.C
7
NTSC S/W(VCC)
19
VCC 2
8
AUDIO IN
20
COMPOSITE VIDEO OUTPUT
9
AUDIO OUT
21
BLUE OUTPUT
10
COMPOSITE SYNC INPUT
22
GREEN OUTPUT
11
COMPOSITE SYNC OUTPUT
23
RED OUTPUT
12
VCC 1
24
GND 2
Characteristic
Symbol
Value
Unit
Supply Voltage
V
CC
10
V
Power dissipation
P
D
1250
mW
Operating Temperature
T
OPR
-20~+70
°C
Storage Temperature
T
STG
-55~+150
°C
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current 1
I
CC1
No Signal input
20
27
32
mA
Supply Current 2
I
CC2
No Signal input
5.6
7.6
11
mA
R Output Voltage
V
O
R
IN =1 VP-P
0.64
0.71
0.78
V
P-P
G Output Voltage
V
O
G
IN =1 VP-P
0.64
0.71
0.78
V
P-P
B Output Voltage
V
O
B
IN =1 VP-P
0.64
0.71
0.78
V
P-P
R Frequency Response
f
C
R, G, B f = 200 KHz
5
-
-
MHz
G Frequency Response
f
C
-dB POINT
5
-
-
MHz
B Frequency Response
f
C
5
-
-
MHz
Sync. Level
V
OS
Condition:R, G, B and
0.26
0.29
0.33
V
R 100% Y Level
V
O
C Sync. input
0.19
0.21
0.25
V
G 100% Y Level
V
O
Measure Composite
0.38
0.42
0.48
V
B 100% Y Level
V
O
Video Output
0.07
0.08
0.09
V




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
KA2198BDRGB ENCODER FOR PAL/NTSC 1 2 3 4 5 MoreSamsung semiconductor
NTE879Integrated Circuit RGB to PAL/NTSC Encoder for Color TV 1 2 3 NTE Electronics
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
AN2458SHColor Encoder IC NTSC/PAL for CCD Video Camera 1 2 3 Panasonic Semiconductor
CXA2050SY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
CXA2060BSY/C/RGB/D for PAL/NTSC/SECAM Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2061SY/C/RGB/D for NTSC Color TVs 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl