Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


KA2195D Datasheet(PDF) 1 Page - Samsung semiconductor

Part No. KA2195D
Description  RGB ENCODER FOR NTSC
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

   
 1 page
background image
KA2195D
RGB ENCODER FOR NTSC
RGB ENCODER
The KA2195D is a monolithic integrated circuit designed
for RGB encoder of video system. This device contains
matrix of R-Y/B-Y, modulator, pulse generator, regulator
and built in BPF of chroma and delay line of luminance.
The KA2195D is suitable for video equipment
FUNCTION
• Regulator
• Mixer of R-Y, B-Y
• Modulator
• Pulse generator
• Audio buffer
• X-tal oscillator
• Clamp circuit
• BPF & D.L circuit
FEATURE
• Lower operating voitage:Vcc= 5V
• Stabilized bias condition in regulator
• Available only NTSC system
• Included 75 ohm driver (RGB Output, composite video output, composite sync. output)
• Sub-carrier frequency using X-tal and available external input
• Include BPF & delay line
:Minimized external components
• Audio buffer circuit
• R-Y, B-Y modulator
BLOCK DIAGRAM
PIN CONFIGURATION
Device
Package
Operating Temperature
KA2195D
24SOP
-20~+70
°C
24 SOP
ORDERING INFORMATION
1
5
7
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
R
G
B
VIDEO
OUTPUT
Y/C
MIXER
3.58M
BPF
DL &
TRAP
R,G,B CLAMP
2
R
G
B
3
4
B-Y MODULATOR
PULSE
GEN.
13
R-Y MODULATOR
SYNC
OUT
6
8
BUFFER
+
SYNC
ADD
MATRIX
PHASE
SHIFTER
X-TAL
OSC.
REGULATOR
R,G,B OUTPUT




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
KA2198BDRGB ENCODER FOR PAL/NTSC 1 2 3 4 5 MoreSamsung semiconductor
NTE879Integrated Circuit RGB to PAL/NTSC Encoder for Color TV 1 2 3 NTE Electronics
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
AN2458SHColor Encoder IC NTSC/PAL for CCD Video Camera 1 2 3 Panasonic Semiconductor
CXA2050SY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
CXA2060BSY/C/RGB/D for PAL/NTSC/SECAM Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2061SY/C/RGB/D for NTSC Color TVs 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl