Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


KA2195D Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. KA2195D
Description  RGB ENCODER FOR NTSC
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

   
 5 page
background image
KA2195D
RGB ENCODER FOR NTSC
TEST WAVEFORM
* R,G,B OUT
* COMPOSITE VIDEO OUT
2.0V
0.8V
SYNC IN
64us
4.5us
2.0V
0.8V
SYNC IN
1.0Vp-p
f=200KHz
R,G,B
IN
R,G,B
OUT
Vo
1 Vp-p
R IN
1 Vp-p
G IN
1 Vp-p
B IN
COMPOSITE VIDEO OUT




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
KA2198BDRGB ENCODER FOR PAL/NTSC 1 2 3 4 5 MoreSamsung semiconductor
NTE879Integrated Circuit RGB to PAL/NTSC Encoder for Color TV 1 2 3 NTE Electronics
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
AN2458SHColor Encoder IC NTSC/PAL for CCD Video Camera 1 2 3 Panasonic Semiconductor
CXA2050SY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
CXA2060BSY/C/RGB/D for PAL/NTSC/SECAM Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2061SY/C/RGB/D for NTSC Color TVs 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl