Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0428788696 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0428788696
Description  Modular Jack, Vertical, Low Profile, 8/6, Panel Stops
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0428788696 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0428788696 Datasheet HTML 1Page - Molex Electronics Ltd. 0428788696 Datasheet HTML 2Page - Molex Electronics Ltd. 0428788696 Datasheet HTML 3Page - Molex Electronics Ltd. 0428788696 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-42878-492
Product Specification
PS-42878
Sales Drawing
SDA-42878-****
Test Summary
TS-42878-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0428788696

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0428788698 MOLEX5-0428788698 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/6
More results

Similar Description - 0428788696

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0428788792 MOLEX5-0428788792 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/6, Panel Stops
0428788840 MOLEX5-0428788840 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/6, Keyed, Panel Stops
0428788744 MOLEX5-0428788744 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/6, Keyed, Panel Stops
0428786216 MOLEX5-0428786216 Datasheet
214Kb / 4P
   Modular Jack, Vertical, Low Profile, 6/6, Panel Stops
0428786216 MOLEX1-0428786216_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Low Profile, 6/6, Panel Stops
0424108792 MOLEX5-0424108792 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/6, Panel Stops
0428786264 MOLEX5-0428786264 Datasheet
214Kb / 4P
   Modular Jack, Vertical, Low Profile, 6/6, Panel Stops
0424108600 MOLEX5-0424108600 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/6, Panel Stops
0428788504 MOLEX5-0428788504 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/8, Panel Stops
0428788408 MOLEX5-0428788408 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/8, Panel Stops
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com