Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395430202 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 395430202
Description  5.00mm (.197") Pitch Eurostyle??45째 Wire Entry Fixed Mount PCB Terminal Block, with Screw Pressure Clamp, 2 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395430202 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  395430202 Datasheet HTML 1Page - Molex Electronics Ltd. 395430202 Datasheet HTML 2Page - Molex Electronics Ltd. 395430202 Datasheet HTML 3Page - Molex Electronics Ltd. 395430202 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers Molded to Length
Material Numbers Stackable
Black
Green
Black
Green
100% Tin
100% Tin
100% Tin
100% Tin
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
5.0mm, Euro Block, PCMount, 45 Deg
2
395430202
395431202
395432202
395930202
395931202
395932202
395430502
395431502
395432502
395930502
395931502
395932502
10.00
0.394
5.00
0.197
5.0mm, Euro Block, PCMount, 45 Deg
3
395430203
395431203
395432203
395930203
395931203
395932203
395430503
395431503
395432503
395930503
395931503
395932503
15.00
0.591
10.00
0.394
5.0mm, Euro Block, PCMount, 45 Deg
4
395430204
395431204
395432204
395930204
395931204
395932204
N/A
N/A
N/A
N/A
N/A
N/A
20.00
0.787
15.00
0.591
5.0mm, Euro Block, PCMount, 45 Deg
5
395430205
395431205
395432205
395930205
395931205
395932205
N/A
N/A
N/A
N/A
N/A
N/A
25.00
0.984
20.00
0.787
5.0mm, Euro Block, PCMount, 45 Deg
6
395430206
395431206
395432206
395930206
395931206
395932206
N/A
N/A
N/A
N/A
N/A
N/A
30.00
1.181
25.00
0.984
5.0mm, Euro Block, PCMount, 45 Deg
7
395430207
395431207
395432207
395930207
395931207
395932207
N/A
N/A
N/A
N/A
N/A
N/A
35.00
1.378
30.00
1.181
5.0mm, Euro Block, PCMount, 45 Deg
8
395430208
395431208
395432208
395930208
395931208
395932208
N/A
N/A
N/A
N/A
N/A
N/A
40.00
1.575
35.00
1.378
5.0mm, Euro Block, PCMount, 45 Deg
9
395430209
395431209
395432209
395930209
395931209
395932209
N/A
N/A
N/A
N/A
N/A
N/A
45.00
1.772
40.00
1.575
5.0mm, Euro Block, PCMount, 45 Deg
10
395430210
395431210
395432210
395930210
395931210
395932210
N/A
N/A
N/A
N/A
N/A
N/A
50.00
1.969
45.00
1.772
5.0mm, Euro Block, PCMount, 45 Deg
11
395430211
395431211
395432211
395930211
395931211
395932211
N/A
N/A
N/A
N/A
N/A
N/A
55.00
2.165
50.00
1.969
5.0mm, Euro Block, PCMount, 45 Deg
12
395430212
395431212
395432212
395930212
395931212
395932212
N/A
N/A
N/A
N/A
N/A
N/A
60.00
2.362
55.00
2.165
5.0mm, Euro Block, PCMount, 45 Deg
13
395430213
395431213
395432213
395930213
395931213
395932213
N/A
N/A
N/A
N/A
N/A
N/A
65.00
2.559
60.00
2.362
5.0mm, Euro Block, PCMount, 45 Deg
14
395430214
395431214
395432214
395930214
395931214
395932214
N/A
N/A
N/A
N/A
N/A
N/A
70.00
2.756
65.00
2.559
5.0mm, Euro Block, PCMount, 45 Deg
15
395430215
395431215
395432215
395930215
395931215
395932215
N/A
N/A
N/A
N/A
N/A
N/A
75.00
2.953
70.00
2.756
5.0mm, Euro Block, PCMount, 45 Deg
16
395430216
395431216
395432216
395930216
395931216
395932216
N/A
N/A
N/A
N/A
N/A
N/A
80.00
3.150
75.00
2.953
5.0mm, Euro Block, PCMount, 45 Deg
17
395430217
395431217
395432217
395930217
395931217
395932217
N/A
N/A
N/A
N/A
N/A
N/A
85.00
3.346
80.00
3.150
5.0mm, Euro Block, PCMount, 45 Deg
18
395430218
395431218
395432218
395930218
395931218
395932218
N/A
N/A
N/A
N/A
N/A
N/A
90.00
3.543
85.00
3.346
5.0mm, Euro Block, PCMount, 45 Deg
19
395430219
395431219
395432219
395930219
395931219
395932219
N/A
N/A
N/A
N/A
N/A
N/A
95.00
3.740
90.00
3.543
5.0mm, Euro Block, PCMount, 45 Deg
20
395430220
395431220
395432220
395930220
395931220
395932220
N/A
N/A
N/A
N/A
N/A
N/A
100.00 3.937
95.00
3.740
5.0mm, Euro Block, PCMount, 45 Deg
21
395430221
395431221
395432221
395930221
395931221
395932221
N/A
N/A
N/A
N/A
N/A
N/A
105.00 4.134 100.00 3.937
5.0mm, Euro Block, PCMount, 45 Deg
22
395430222
395431222
395432222
395930222
395931222
395932222
N/A
N/A
N/A
N/A
N/A
N/A
110.00 4.331 105.00 4.134
5.0mm, Euro Block, PCMount, 45 Deg
23
395430223
395431223
395432223
395930223
395931223
395932223
N/A
N/A
N/A
N/A
N/A
N/A
115.00 4.528 110.00 4.331
5.0mm, Euro Block, PCMount, 45 Deg
24
395430224
395431224
395432224
395930224
395931224
395932224
N/A
N/A
N/A
N/A
N/A
N/A
120.00 4.724 115.00 4.528


Similar Part No. - 395430202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395430203 MOLEX5-395430203 Datasheet
196Kb / 4P
   5.00mm (.197") Pitch Eurostyle??45째 Wire Entry Fixed Mount PCB Terminal Block, with Screw Pressure Clamp, 3 Circuits
395430204 MOLEX5-395430204 Datasheet
196Kb / 4P
   5.00mm (.197") Pitch Eurostyle??45째 Wire Entry Fixed Mount PCB Terminal Block, with Screw Pressure Clamp, 4 Circuits
395430205 MOLEX5-395430205 Datasheet
196Kb / 4P
   5.00mm (.197") Pitch Eurostyle??45째 Wire Entry Fixed Mount PCB Terminal Block, with Screw Pressure Clamp, 5 Circuits
395430206 MOLEX5-395430206 Datasheet
196Kb / 4P
   5.00mm (.197") Pitch Eurostyle??45째 Wire Entry Fixed Mount PCB Terminal Block, with Screw Pressure Clamp, 6 Circuits
395430207 MOLEX5-395430207 Datasheet
196Kb / 4P
   5.00mm (.197") Pitch Eurostyle??45째 Wire Entry Fixed Mount PCB Terminal Block, with Screw Pressure Clamp, 7 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com