Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0357501410 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0357501410
Description  Ring Tongue Terminal for 20-22 AWG (0.30~0.50mm짼), Stud Size 5-6 (M3-3.5), Tin Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0357501410 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0357501410 Datasheet HTML 1Page - Molex Electronics Ltd. 0357501410 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357501410
Status:
Active
Description:
Ring Tongue Terminal for 20-22 AWG (0.30~0.50mm²), Stud Size 5-6 (M3-3.5), Tin
Plating
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35750-002 (PDF)
General
Product Family
Ring and Spade Terminals
Series
35750
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
R (Ring)
Type
Ring
Physical
Barrel Type
Open
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Reel
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Stud Size
5-6 (M3-3.5)
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.50mm (.137") max.
Wire Size AWG
20, 22
Wire Size mm²
0.37 - 0.50
Electrical
Voltage - Maximum
300V DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-35750-002
Sales Drawing
SD-35750-14*0
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35750Series
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0357501410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357501010 MOLEX5-0357501010 Datasheet
122Kb / 2P
   Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm짼), Stud Size 8 M4, Tin Plating
0357501100 MOLEX5-0357501100 Datasheet
69Kb / 2P
    Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm짼), Stud Size 3-4 (M2.6), Unplated
0357501110 MOLEX5-0357501110 Datasheet
69Kb / 2P
   Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm²), Stud Size 3-4 (M2.6), Post-Tin Plating
0357501210 MOLEX5-0357501210 Datasheet
70Kb / 2P
   Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm짼), Stud Size 8 M4, Tin Plating
0357501710 MOLEX5-0357501710 Datasheet
89Kb / 2P
   Ring Tongue Terminal for 9-14 AWG (2.20~6.70mm짼), Stud Size 8 M4, Tin Plating
More results

Similar Description - 0357501410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357500610 MOLEX5-0357500610 Datasheet
75Kb / 2P
   Ring Tongue Terminal for 16-20 AWG (0.50~1.4mm짼), Stud Size 5-6 (M3-3.5), Post-Tin Plating
0357490110 MOLEX5-0357490110 Datasheet
68Kb / 2P
   Spade Tongue Terminal for 22-26 AWG (0.13~0.33mm짼), Stud Size 5-6 M3-3.5, Pre Tin Plated
0357491460 MOLEX5-0357491460 Datasheet
136Kb / 2P
   Spade Tongue Terminal for 18-20 AWG (0.05~0.13mm짼), Stud Size 5-6 M3-3.5, Pre Ni Plated
0357490310 MOLEX5-0357490310 Datasheet
151Kb / 2P
   Spade Tongue Terminal for 26-30 AWG (0.05~0.13mm²), Stud Size 5-6 M3-3.5, Pre Tin Plated
0357491310 MOLEX5-0357491310 Datasheet
77Kb / 2P
   Spade Tongue Terminal for 26-30 AWG (0.05~0.13mm짼), Stud Size 5-6 M3-3.5, Pre Tin-Lead Plated
0191640085 MOLEX4-0191640085 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 6
0190770001 MOLEX4-0190770001 Datasheet
108Kb / 2P
   Avikrimp??Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 6
0190750001 MOLEX4-0190750001 Datasheet
87Kb / 2P
   InsulKrimp??Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 6
0190750007 MOLEX4-0190750007 Datasheet
87Kb / 2P
   InsulKrimp??Steel Star Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 6
0191930143 MOLEX4-0191930143 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com