Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43030-0006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43030-0006
Description  Micro-Fit 3.0??Crimp Terminal, Female, with Select Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Reel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43030-0006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43030-0006 Datasheet HTML 1Page - Molex Electronics Ltd. 43030-0006 Datasheet HTML 2Page - Molex Electronics Ltd. 43030-0006 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0430300006
Status:
Active
Overview:
microfit_30
Description:
Micro-Fit 3.0™ Crimp Terminal, Female, with Select Gold (Au) Plated Tin/Brass Alloy
Contact, 26-30 AWG, Reel
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-43045 (PDF)
General
Product Family
Crimp Terminals
Series
43030
Crimp Quality Equipment
Yes
Overview
microfit_30
Product Literature Order No
USA-106
Product Name
Micro-Fit 3.0™
Physical
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.27mm (.050") max.
Wire Size AWG
26, 28, 30
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43030-001
Product Specification
PS-43045, RPS-43045-003, RPS-43045-004
Sales Drawing
SD-43030-****
Test Summary
TS-43045-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43030Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Insertion Tool for
Micro-Fit 3.0™ Crimp
Terminal
0638120800
FineAdjust™
Applicator, Use with
Small Wire Insulation
Diameter
0639001600
FineAdjust™
Applicator for Micro-
Fit™ Crimp Terminal,
26-30 AWG
0639004400
T2 Terminator
Tooling Die for
0639104400


Similar Part No. - 43030-0006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43030-0006 MOLEX11-43030-0006 Datasheet
131Kb / 1P
   MICRO-FIT (3.0) FEMALE CRIMP TERMINAL
43030-0006 MOLEX11-43030-0006 Datasheet
131Kb / 1P
   MICRO-FIT (3.0) FEMALE CRIMP TERMINAL
More results

Similar Description - 43030-0006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0430310006 MOLEX5-0430310006 Datasheet
176Kb / 3P
   Micro-Fit 3.0??Crimp Terminal, Male, with Select Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Reel
0430300005 MOLEX5-0430300005 Datasheet
168Kb / 3P
   Micro-Fit 3.0??Crimp Terminal, Female, with Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Reel
0430300012 MOLEX5-0430300012 Datasheet
165Kb / 2P
   Micro-Fit 3.0??Crimp Terminal, Female, with Select Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Bag
0430300004 MOLEX5-0430300004 Datasheet
168Kb / 3P
   Micro-Fit 3.0??Crimp Terminal, Female, with Select Tin (Sn) Plated Tin/Brass Alloy Contact, 26-30 AWG, Reel
0430310005 MOLEX5-0430310005 Datasheet
176Kb / 3P
   Micro-Fit 3.0??Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Reel
0430300003 MOLEX5-0430300003 Datasheet
169Kb / 3P
   Micro-Fit 3.0??Crimp Terminal, Female, with Select Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Reel
0430310012 MOLEX5-0430310012 Datasheet
174Kb / 2P
   Micro-Fit 3.0??Crimp Terminal, Male, with Select Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Bag
0430300011 MOLEX5-0430300011 Datasheet
165Kb / 2P
   Micro-Fit 3.0??Crimp Terminal, Female, with Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Bag
0430300010 MOLEX5-0430300010 Datasheet
165Kb / 2P
   Micro-Fit 3.0??Crimp Terminal, Female, with Select Tin (Sn) Plated Tin/Brass Alloy Contact, 26-30 AWG, Bag
0430310011 MOLEX5-0430310011 Datasheet
174Kb / 2P
   Micro-Fit 3.0??Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Bag
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com