Electronic Components Datasheet Search |
|
42878-8746 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
42878-8746 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0428788746 Status: Active Overview: modular_plugs_jacks Description: Modular Jack, Vertical, Low Profile, 8/6, Keyed Documents: 3D Model Product Specification PS-42878 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E107635 General Product Family Modular Jacks/Plugs Series 42878 Component Type PCB Jack Magnetic No Overview modular_plugs_jacks Performance Category 3 Power over Ethernet (PoE) N/A Product Name RJ45 Physical Boot Color N/A Color - Resin Black Durability (mating cycles max) 500 Flammability 94V-0 Inverted / Top Latch N/A Keying to Mating Part Yes Lightpipes/LEDs None Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Polyester Orientation Vertical (Top Entry) PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.57 mm Packaging Type Tray Panel Mount With Flange Pitch - Mating Interface (in) 0.040 In Pitch - Mating Interface (mm) 1.02 mm Pitch - Term. Interface (in) 0.050 In Pitch - Term. Interface (mm) 1.27 mm Ports 1 Positions / Loaded Contacts 8/6 Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +85°C Termination Interface: Style Through Hole Waterproof / Dustproof No Wire/Cable Type N/A Electrical Current - Maximum per Contact 1.5A Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 42878Series Mates With FCC 68 Plugs |
Similar Part No. - 42878-8746 |
|
Similar Description - 42878-8746 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |