Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1G16Q0M-PIB0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9F1G16Q0M-PIB0
Description  1Gb Gb 1.8V NAND Flash Errata
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G16Q0M-PIB0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9F1G16Q0M-PIB0 Datasheet HTML 7Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 8Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 9Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 10Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 11Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 12Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 13Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 14Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
FLASH MEMORY
10
SAMSUNG
K9F1G08Q0M-YCB0,YIB0,PCB0,PIB0 K9F1G16Q0M-YCB0,YIB0,PCB0,PIB0
K9F1G08U0M-YCB0,YIB0,PCB0,PIB0 K9F1G16U0M-YCB0,YIB0,PCB0,PIB0
K9F1G08U0M-VCB0,VIB0,FCB0,FIB0
DC AND OPERATING CHARACTERISTICS(Recommended operating conditions otherwise noted.)
Parameter
Symbol
Test Conditions
K9F1GXXQ0M(1.8V)
K9F1GXXU0M(3.3V)
Unit
Min
Typ
Max
Min
Typ
Max
Operat-
ing
Current
Page Read with
Serial Access
ICC1
tRC=50ns, CE=VIL
IOUT=0mA
-
5
15
-
10
20
mA
Program
ICC2
-
-
5
15
-
10
20
Erase
ICC3
-
-
5
15
-
10
20
Stand-by Current(TTL)
ISB1
CE=VIH, WP=PRE=0V/VCC
-
-
1
-
-
1
Stand-by Current(CMOS)
ISB2
CE=VCC-0.2,
WP=PRE=0V/VCC
-
20
100
-
20
100
µA
Input Leakage Current
ILI
VIN=0 to Vcc(max)
-
-
±20
-
-
±20
Output Leakage Current
ILO
VOUT=0 to Vcc(max)
-
-
±20
-
-
±20
Input High Voltage
VIH
-
VCC-0.4
-
VCC+
0.3
2.0
-
VCC+0.3
V
Input Low Voltage, All inputs
VIL
-
-0.3
-
0.4
-0.3
-
0.8
Output High Voltage Level
VOH
K9F1GXXQ0M :IOH=-100
µA
K9F1GXXU0M :IOH=-400
µA
Vcc-0.1
-
-
2.4
-
-
Output Low Voltage Level
VOL
K9F1GXXQ0M :IOL=100uA
K9F1GXXU0M :IOL=2.1mA
-
-
0.1
-
-
0.4
Output Low Current(R/B)
IOL(R/B)
K9F1GXXQ0M :VOL=0.1V
K9F1GXXU0M :VOL=0.4V
3
4
-
8
10
-
mA
RECOMMENDED OPERATING CONDITIONS
(Voltage reference to GND, K9F1GXXX0M-XCB0
:TA=0 to 70
°C, K9F1GXXX0M-XIB0:TA=-40 to 85°C)
Parameter
Symbol
K9F1GXXQ0M(1.8V)
K9F1GXXU0M(3.3V)
Unit
Min
Typ.
Max
Min
Typ.
Max
Supply Voltage
VCC
1.70
1.8
1.95
2.7
3.3
3.6
V
Supply Voltage
VSS
0
0
0
0
0
0
V
ABSOLUTE MAXIMUM RATINGS
NOTE :
1. Minimum DC voltage is -0.6V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <30ns.
Maximum DC voltage on input/output pins is VCC,+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns.
2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
K9F1GXXQ0M(1.8V)
K9F1GXXU0M(3.3V)
Voltage on any pin relative to VSS
VIN/OUT
-0.6 to + 2.45
-0.6 to + 4.6
V
VCC
-0.2 to + 2.45
-0.6 to + 4.6
Temperature Under Bias
K9F1GXXX0M-XCB0
TBIAS
-10 to +125
°C
K9F1GXXX0M-XIB0
-40 to +125
Storage Temperature
K9F1GXXX0M-XCB0
TSTG
-65 to +150
°C
K9F1GXXX0M-XIB0
Short Circuit Current
Ios
5
mA


Similar Part No. - K9F1G16Q0M-PIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G16Q0M SAMSUNG-K9F1G16Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1G16Q0M-PIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
logo
Elite Semiconductor Mem...
F59D8G81XB ESMT-F59D8G81XB Datasheet
2Mb / 84P
   8 Gbit (1Gb x 8) 1.8V NAND Flash Memory
logo
KIOXIA Corporation
TC58CYG0S3HRAIG KIOXIA-TC58CYG0S3HRAIG Datasheet
2Mb / 43P
   1Gb 1.8V Serial Interface NAND
TC58CYG0S3HRAIJ KIOXIA-TC58CYG0S3HRAIJ Datasheet
1Mb / 49P
   1Gb 1.8V Serial Interface NAND
logo
Samsung semiconductor
K9F1G08U0E SAMSUNG-K9F1G08U0E Datasheet
436Kb / 38P
   1Gb E-die NAND Flash
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN71SN10F EON-EN71SN10F Datasheet
4Mb / 97P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
logo
Infineon Technologies A...
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
   256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com