Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1G16Q0M-PIB0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K9F1G16Q0M-PIB0
Description  1Gb Gb 1.8V NAND Flash Errata
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G16Q0M-PIB0 Datasheet(HTML) 5 Page - Samsung semiconductor

  K9F1G16Q0M-PIB0 Datasheet HTML 1Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 2Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 3Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 4Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 5Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 6Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 7Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 8Page - Samsung semiconductor K9F1G16Q0M-PIB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
FLASH MEMORY
4
SAMSUNG
K9F1G08Q0M-YCB0,YIB0,PCB0,PIB0 K9F1G16Q0M-YCB0,YIB0,PCB0,PIB0
K9F1G08U0M-YCB0,YIB0,PCB0,PIB0 K9F1G16U0M-YCB0,YIB0,PCB0,PIB0
K9F1G08U0M-VCB0,VIB0,FCB0,FIB0
PIN CONFIGURATION (TSOP1)
K9F1GXXX0M-YCB0,PCB0/YIB0,PIB0
X8
X16
X16
X8
PACKAGE DIMENSIONS
48-PIN LEAD/LEAD FREE PLASTIC THIN SMALL OUT-LINE PACKAGE TYPE(I)
48 - TSOP1 - 1220F
Unit :mm/Inch
0.787±0.008
20.00±0.20
#1
#24
#48
#25
0.039±0.002
1.00±0.05
0.002
0.05
MIN
0.047
1.20
MAX
0.45~0.75
0.018~0.030
0.724±0.004
18.40±0.10
0~8
¡Æ
0.50
0.020
(
)
48-pin TSOP1
Standard Type
12mm x 20mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
N.C
N.C
N.C
N.C
N.C
N.C
R/B
RE
CE
N.C
N.C
Vcc
Vss
N.C
N.C
CLE
ALE
WE
WP
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
I/O7
I/O6
I/O5
I/O4
N.C
N.C
PRE
Vcc
Vss
N.C
N.C
N.C
I/O3
I/O2
I/O1
I/O0
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
R/B
RE
CE
N.C
N.C
Vcc
Vss
N.C
N.C
CLE
ALE
WE
WP
N.C
N.C
N.C
N.C
N.C
Vss
I/O15
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
N.C
PRE
Vcc
N.C
N.C
N.C
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
Vss


Similar Part No. - K9F1G16Q0M-PIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G16Q0M SAMSUNG-K9F1G16Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1G16Q0M-PIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
logo
Elite Semiconductor Mem...
F59D8G81XB ESMT-F59D8G81XB Datasheet
2Mb / 84P
   8 Gbit (1Gb x 8) 1.8V NAND Flash Memory
logo
KIOXIA Corporation
TC58CYG0S3HRAIG KIOXIA-TC58CYG0S3HRAIG Datasheet
2Mb / 43P
   1Gb 1.8V Serial Interface NAND
TC58CYG0S3HRAIJ KIOXIA-TC58CYG0S3HRAIJ Datasheet
1Mb / 49P
   1Gb 1.8V Serial Interface NAND
logo
Samsung semiconductor
K9F1G08U0E SAMSUNG-K9F1G08U0E Datasheet
436Kb / 38P
   1Gb E-die NAND Flash
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN71SN10F EON-EN71SN10F Datasheet
4Mb / 97P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
logo
Infineon Technologies A...
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
   256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com