Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0357160110 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0357160110
Description  2.36mm (.093") Diameter Pin Wire-to-Board Terminal, Female, Brass, Wire Range 20-24 AWG (0.52-0.20mm짼), Pre-Tin Plated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0357160110 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0357160110 Datasheet HTML 1Page - Molex Electronics Ltd. 0357160110 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357160110
Status:
Active
Description:
2.36mm (.093") Diameter Pin Wire-to-Board Terminal, Female, Brass, Wire Range
20-24 AWG (0.52-0.20mm²), Pre-Tin Plated
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35136-001 (PDF)
General
Product Family
Crimp Terminals
Series
35716
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
32.00
Plating min: Mating (µm)
0.800
Plating min: Termination (µin)
32.00
Plating min: Termination (µm)
0.80
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.70mm (.106") max.
Wire Size AWG
20, 22, 24
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-35136-001
Sales Drawing
SD-35716-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35716Series
Use With
35183
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0357160110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357160190 MOLEX5-0357160190 Datasheet
98Kb / 2P
   2.36mm (.093") Diameter Pin Wire-to-Board Terminal, Female, Brass, Wire Range 20-24 AWG (0.52-0.20mm짼), Pre-Ni Plated
0357160193 MOLEX5-0357160193 Datasheet
98Kb / 2P
   2.36mm (.093") Diameter Pin Wire-to-Board Terminal, Female, Brass, Wire Range 20-24 AWG (0.52-0.20mm짼), Pre-Ni Plated, Low Tension
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com