Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F2808U0B-DCB0 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K9F2808U0B-DCB0
Description  16M x 8 Bit NAND Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2808U0B-DCB0 Datasheet(HTML) 3 Page - Samsung semiconductor

  K9F2808U0B-DCB0 Datasheet HTML 1Page - Samsung semiconductor K9F2808U0B-DCB0 Datasheet HTML 2Page - Samsung semiconductor K9F2808U0B-DCB0 Datasheet HTML 3Page - Samsung semiconductor K9F2808U0B-DCB0 Datasheet HTML 4Page - Samsung semiconductor K9F2808U0B-DCB0 Datasheet HTML 5Page - Samsung semiconductor K9F2808U0B-DCB0 Datasheet HTML 6Page - Samsung semiconductor K9F2808U0B-DCB0 Datasheet HTML 7Page - Samsung semiconductor K9F2808U0B-DCB0 Datasheet HTML 8Page - Samsung semiconductor K9F2808U0B-DCB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
FLASH MEMORY
3
K9F2808U0B-YCB0,YIB0
K9F2808U0B-DCB0,DIB0
K9F2808Q0B-DCB0,DIB0
K9F2808U0B-VCB0,VIB0
GENERAL DESCRIPTION
FEATURES
• Voltage Supply
- K9F2808Q0B : 1.7~1.9V
- K9F2808U0B : 2.7 ~ 3.6 V
• Organization
- Memory Cell Array : (16M + 512K)bit x 8bit
- Data Register : (512 + 16)bit x8bit
• Automatic Program and Erase
- Page Program : (512 + 16)Byte
- Block Erase : (16K + 512)Byte
• 528-Byte Page Read Operation
- Random Access : 10
µs(Max.)
- Serial Page Access
- K9F2808Q0B : 70ns
- K9F2808U0B : 50ns
• Fast Write Cycle Time
- Program Time
- K9F2808Q0B : 300
µs(Typ.)
- K9F2808U0B : 200
µs(Typ.)
- Block Erase Time : 2ms(Typ.)
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
- Endurance : 100K Program/Erase Cycles
- Data Retention : 10 Years
• Command Register Operation
• Package
- K9F2808U0B-YCB0/YIB0 :
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)
- K9F2808X0B-DCB 0/ DIB0
63- Ball TBGA ( 9 x 11 /0.8mm pitch , Width 1.0 mm)
- K9F2808U0B-VCB0/VIB0
48 - Pin WSOP I (12X17X0.7mm)
* K9F2808U0B-V(WSOPI ) is the same device as
K9F2808U0B-Y(TSOP1) except package type.
The K9F2808X0B is a 16M(16,777,216)x8bit NAND Flash Memory with a spare 512K(524,288)x8bit. The device is offered in 1.8V or
3.3V Vcc. Its NAND cell provides the most cost-effective solution for the solid state mass storage market. A program operation pro-
grams the 528-byte page in typical 200
µs and an erase operation can be performed in typical 2ms on a 16K-byte block. Data in a
page can be read out at 70ns/50ns(K9F2808Q0B:70ns, K9F2808U0B:50ns) cycle time per byte. The I/O pins serve as the ports for
address and data input/output as well as command input. The on-chip write control automates all program and erase functions
including pulse repetition, where required, and internal verification and margining of data. Even write-intensive systems can take
advantage of the K9F2808X0B’s extended reliability of 100K program/erase cycles by providing ECC(Error Correcting Code) with
real time mapping-out algorithm.
The K9F2808X0B is suitable for use in data memory of mobile communication system to reduce not only mount area but also power
consumption.
PRODUCT LIST
Part Number
Vcc Range
Organization
PKG Type
K9F2808Q0B-D
1.7 ~ 1.9V
X8
TBGA
K9F2808U0B-Y
2.7
~ 3.6V
TSOP1
K9F2808U0B-D
TBGA
K9F2808U0B-V
WSOP1
16M x 8 Bit Bit NAND Flash Memory


Similar Part No. - K9F2808U0B-DCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0 SAMSUNG-K9F2808U0 Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A SAMSUNG-K9F2808U0A Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A- SAMSUNG-K9F2808U0A- Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A-YCB0 SAMSUNG-K9F2808U0A-YCB0 Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A-YIB0 SAMSUNG-K9F2808U0A-YIB0 Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
More results

Similar Description - K9F2808U0B-DCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A- SAMSUNG-K9F2808U0A- Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com