Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F2808U0A-YCB0 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K9F2808U0A-YCB0
Description  16M x 8 Bit NAND Flash Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2808U0A-YCB0 Datasheet(HTML) 2 Page - Samsung semiconductor

  K9F2808U0A-YCB0 Datasheet HTML 1Page - Samsung semiconductor K9F2808U0A-YCB0 Datasheet HTML 2Page - Samsung semiconductor K9F2808U0A-YCB0 Datasheet HTML 3Page - Samsung semiconductor K9F2808U0A-YCB0 Datasheet HTML 4Page - Samsung semiconductor K9F2808U0A-YCB0 Datasheet HTML 5Page - Samsung semiconductor K9F2808U0A-YCB0 Datasheet HTML 6Page - Samsung semiconductor K9F2808U0A-YCB0 Datasheet HTML 7Page - Samsung semiconductor K9F2808U0A-YCB0 Datasheet HTML 8Page - Samsung semiconductor K9F2808U0A-YCB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
K9F2808U0A-YCB0, K9F2808U0A-YIB0
FLASH MEMORY
2
16M x 8 Bit NAND Flash Memory
The K9F2808U0A is a 16M(16,777,216)x8bit NAND Flash
Memory with a spare 512K(524,288)x8bit. Its NAND cell pro-
vides the most cost-effective solution for the solid state mass
storage market. A program operation programs the 528-byte
page in typically 200
µs and an erase operation can be per-
formed in typically 2ms on a 16K-byte block. Data in the page
can be read out at 50ns cycle time per byte. The I/O pins serve
as the ports for address and data input/output as well as com-
mand inputs. The on-chip write controller automates all pro-
gram and erase functions including pulse repetition, where
required, and internal verify and margining of data. Even the
write-intensive
systems
can
take
advantage
of
the
K9F2808U0A
′s extended reliability of 100K program/erase
cycles by providing ECC(Error Correcting Code) with real time
mapping-out algorithm.
The K9F2808U0A is an optimum solution for large nonvolatile
storage applications such as solid state file storage, digital
voice recorder, digital still camera and other portable applica-
tions requiring non-volatility.
GENERAL DESCRIPTION
FEATURES
• Voltage Supply : 2.7V~3.6V
• Organization
- Memory Cell Array : (16M + 512K)bit x 8bit
- Data Register : (512 + 16)bit x8bit
• Automatic Program and Erase
- Page Program : (512 + 16)Byte
- Block Erase : (16K + 512)Byte
• 528-Byte Page Read Operation
- Random Access : 10
µs(Max.)
- Serial Page Access : 50ns(Min.)
• Fast Write Cycle Time
- Program Time : 200
µs(Typ.)
- Block Erase Time : 2ms(Typ.)
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
- Endurance : 100K Program/Erase Cycles
- Data Retention : 10 Years
• Command Register Operation
• Package : 48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)
PIN CONFIGURATION
NOTE : Connect all VCC and VSS pins of each device to common power supply outputs.
Do not leave VCC or VSS disconnected.
K9F2808U0A-YCB0/YIB0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
N.C
N.C
N.C
N.C
N.C
SE
R/B
RE
CE
N.C
N.C
Vcc
Vss
N.C
N.C
CLE
ALE
WE
WP
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
I/O7
I/O6
I/O5
I/O4
N.C
N.C
N.C
Vcc
Vss
N.C
N.C
N.C
I/O3
I/O2
I/O1
I/O0
N.C
N.C
N.C
N.C
Pin Name
Pin Function
I/O0 ~ I/O7
Data Input/Outputs
CLE
Command Latch Enable
ALE
Address Latch Enable
CE
Chip Enable
RE
Read Enable
WE
Write Enable
WP
Write Protect
GND
GND input for enabling spare area
R/B
Ready/Busy output
VCC
Power
VSS
Ground
N.C
No Connection
PIN DESCRIPTION


Similar Part No. - K9F2808U0A-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0B-D SAMSUNG-K9F2808U0B-D Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808U0B-DCB0 SAMSUNG-K9F2808U0B-DCB0 Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808U0B-DIB0 SAMSUNG-K9F2808U0B-DIB0 Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808U0B-V SAMSUNG-K9F2808U0B-V Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808U0B-VCB0 SAMSUNG-K9F2808U0B-VCB0 Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
More results

Similar Description - K9F2808U0A-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0B SAMSUNG-K9F2808Q0B Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com