Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0395151006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0395151006
Description  3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention Inserts, 6 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395151006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0395151006 Datasheet HTML 1Page - Molex Electronics Ltd. 0395151006 Datasheet HTML 2Page - Molex Electronics Ltd. 0395151006 Datasheet HTML 3Page - Molex Electronics Ltd. 0395151006 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0395151006
Status:
Active
Description:
3.81mm (.150") Pitch Eurostyle™ Vertical PCB Header, with Threaded Retention
Inserts, 6 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39515
Application
Wire-to-Board
Component Type
PCB Header
Product Literature Order No
USA-355
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
6
Entry Angle
N/A
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Thickness Recommended (in)
0.098 In
PCB Thickness Recommended (mm)
2.50 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.150 In
Pitch - Mating Interface (mm)
3.81 mm
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39501-002, SD-39515-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39515Series
Mates With
Most 3.81mm (.150") Pitch Industry
Standard Plugs, 39517 Vertical Plug with
Retention Screws, 39514 Horizontal Plug
with Retention Screws
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0395151006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395151002 MOLEX5-0395151002 Datasheet
249Kb / 6P
   3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention Inserts, 2 Circuits
0395151003 MOLEX5-0395151003 Datasheet
169Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention Inserts, 3 Circuits
0395151004 MOLEX5-0395151004 Datasheet
169Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention Inserts, 4 Circuits
0395151005 MOLEX5-0395151005 Datasheet
169Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention
0395151007 MOLEX5-0395151007 Datasheet
169Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention Inserts, 7 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com