Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T4008C1B-DB70 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6T4008C1B-DB70
Description  512Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4008C1B-DB70 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6T4008C1B-DB70 Datasheet HTML 1Page - Samsung semiconductor K6T4008C1B-DB70 Datasheet HTML 2Page - Samsung semiconductor K6T4008C1B-DB70 Datasheet HTML 3Page - Samsung semiconductor K6T4008C1B-DB70 Datasheet HTML 4Page - Samsung semiconductor K6T4008C1B-DB70 Datasheet HTML 5Page - Samsung semiconductor K6T4008C1B-DB70 Datasheet HTML 6Page - Samsung semiconductor K6T4008C1B-DB70 Datasheet HTML 7Page - Samsung semiconductor K6T4008C1B-DB70 Datasheet HTML 8Page - Samsung semiconductor K6T4008C1B-DB70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
K6T4008C1B Family
CMOS SRAM
Revision 3.0
September 1998
3
PRODUCT LIST
Commercial Temperature Products(0~70
°C)
Industrial Temperature Products(-40~85
°C)
Part Name
Function
Part Name
Function
K6T4008C1B-DL55
K6T4008C1B-DB55
K6T4008C1B-DL70
K6T4008C1B-DB70
K6T4008C1B-GL55
K6T4008C1B-GB55
K6T4008C1B-GL70
K6T4008C1B-GB70
K6T4008C1B-VB55
K6T4008C1B-VB70
K6T4008C1B-MB55
K6T4008C1B-MB70
32-DIP, 55ns, L-pwr
32-DIP, 55ns, LL-pwr
32-DIP, 70ns, L-pwr
32-DIP, 70ns, LL-pwr
32-SOP, 55ns, L-pwr
32-SOP, 55ns, LL-pwr
32-SOP, 70ns, L-pwr
32-SOP, 70ns, LL-pwr
32-TSOP2-F, 55ns, LL-pwr
32-TSOP2-F, 70ns, LL-pwr
32-TSOP2-R, 55ns, LL-pwr
32-TSOP2-R, 70ns, LL-pwr
K6T4008C1B-GP55
K6T4008C1B-GF55
K6T4008C1B-GP70
K6T4008C1B-GF70
K6T4008C1B-VF55
K6T4008C1B-VF70
K6T4008C1B-MF55
K6T4008C1B-MF70
32-SOP, 55ns, L-pwr
32-SOP, 55ns, LL-pwr
32-SOP, 70ns, L-pwr
32-SOP, 70ns, LL-pwr
32-TSOP2-F, 55ns, LL-pwr
32-TSOP2-F, 70ns, LL-pwr
32-TSOP2-R, 55ns, LL-pwr
32-TSOP2-R, 70ns, LL-pwr
FUNCTIONAL DESCRIPTION
1. X means don
′t care.( Must be in low or high state.)
CS
OE
WE
I/O Pin
Mode
Power
H
X1)
X1)
High-Z
Deselected
Standby
L
H
H
High-Z
Output disbaled
Active
L
L
H
Dout
Read
Active
L
X1)
L
Din
Write
Active
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN,VOUT
-0.5 to 7.0
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.5 to 7.0
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
K6T4008C1B-L/-B
-40 to 85
°C
K6T4008C1B-P/-F
Soldering temperature and time
TSOLDER
260
°C, 10sec(Lead Only)
-
-


Similar Part No. - K6T4008C1B-DB70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-B SAMSUNG-K6T4008C1C-B Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-DB55 SAMSUNG-K6T4008C1C-DB55 Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-DB70 SAMSUNG-K6T4008C1C-DB70 Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-DL55 SAMSUNG-K6T4008C1C-DL55 Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T4008C1B-DB70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
White Electronic Design...
EDI8F8512C WEDC-EDI8F8512C Datasheet
356Kb / 9P
   512Kx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
   512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com