Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1208U0M-YIB0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K9F1208U0M-YIB0
Description  64M x 8 Bit NAND Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1208U0M-YIB0 Datasheet(HTML) 4 Page - Samsung semiconductor

  K9F1208U0M-YIB0 Datasheet HTML 1Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 2Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 3Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 4Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 5Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 6Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 7Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 8Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
K9F1208U0M-YCB0, K9F1208U0M-YIB0
FLASH MEMORY
4
Revision No
0.8
Remark
History
1. In Read ID & Status Read timing diagram, tCLS is changed to tCLR.
Draft Date
Oct. 7th 2001
CE
CLE
I/O0~7
ALE
RE
WE
90h
00h
ECh
Address. 1cycle
Maker code
tCEA
tAR1
tREA
tWHR
CE
WE
CLE
RE
I/O0~7
70h
Status Output
tCLS
tCLH
tCS
tWP
tCH
tDS
tDH
tREA
tIR
tRHZ*
tCHZ*
tWHR
tCEA
tCLS
CE
CLE
I/O0~7
ALE
RE
WE
90h
00h
ECh
Address. 1cycle
Maker code
tCEA
tAR1
tREA
tWHR
CE
WE
CLE
RE
I/O0~7
70h
Status Output
tCLR
tCLH
tCS
tWP
tCH
tDS
tDH
tREA
tIR
tRHZ*
tCHZ*
tWHR
tCEA
tCLS
tCLS
tCLR


Similar Part No. - K9F1208U0M-YIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208U0A SAMSUNG-K9F1208U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A SAMSUNG-K9F1208U0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-F SAMSUNG-K9F1208U0A-F Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-P SAMSUNG-K9F1208U0A-P Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-V SAMSUNG-K9F1208U0A-V Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1208U0M-YIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com