Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0395443006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0395443006
Description  5.08mm (.200") Pitch Eurostyle??Vertical Fixed Mount PCB Terminal Block, 6 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395443006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0395443006 Datasheet HTML 1Page - Molex Electronics Ltd. 0395443006 Datasheet HTML 2Page - Molex Electronics Ltd. 0395443006 Datasheet HTML 3Page - Molex Electronics Ltd. 0395443006 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0395443006
Status:
Active
Description:
5.08mm (.200") Pitch Eurostyle™ Vertical Fixed Mount PCB Terminal Block, 6 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39544
Application
Wire-to-Board
Component Type
One Piece
MolexKits
Yes
Product Literature Order No
USA-355
Product Name
ESE, Eurostyle™Fixed Mount
Type
Euro Block
Physical
Circuits (Loaded)
6
Entry Angle
Horizontal
Lock to Mating Part
None
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Thickness Recommended (in)
0.080 In
PCB Thickness Recommended (mm)
2.00 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.200 In
Pitch - Mating Interface (mm)
5.08 mm
Polarized to Mating Part
N/A
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
12, 14, 16, 18, 20, 22
Wire Size mm²
0.33 - 3.31
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
135
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-39501-002, SD-39544-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39544Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0395443006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395443002 MOLEX5-0395443002 Datasheet
197Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical Fixed Mount PCB Terminal Block, 2 Circuits
0395443003 MOLEX5-0395443003 Datasheet
197Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical Fixed Mount PCB Terminal Block, 3 Circuits
0395443004 MOLEX5-0395443004 Datasheet
197Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical Fixed Mount PCB Terminal Block, 4 Circuits
0395443005 MOLEX5-0395443005 Datasheet
197Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical Fixed Mount PCB Terminal Block, 5 Circuits
0395443007 MOLEX5-0395443007 Datasheet
197Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Vertical Fixed Mount PCB Terminal Block, 7 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com