Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36515-0098 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 36515-0098
Description  2.54mm (0.100") Pitch DIN 41612 Header, Style R, Vertical, Press-fit, 13.25mm (.522") PC Tail Length, 96 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

36515-0098 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  36515-0098 Datasheet HTML 1Page - Molex Electronics Ltd. 36515-0098 Datasheet HTML 2Page - Molex Electronics Ltd. 36515-0098 Datasheet HTML 3Page - Molex Electronics Ltd. 36515-0098 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0365150098
Status:
Active
Overview:
din_41612
Description:
2.54mm (0.100") Pitch DIN 41612 Header, Style R, Vertical, Press-fit, 13.25mm (.522")
PC Tail Length, 96 Circuits, 0.76µm (30µ") Gold (Au) Selective, Lead-Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-36515-001 (PDF)
General
Product Family
Backplane Connectors
Series
36515
Application
Backplane
Comments
"R" at Style Represents Vertical Male DIN Connectors
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
R
Physical
Circuits (Loaded)
96
Circuits (maximum)
96
Circuits Detail
Rows A, B, & C
Durability (mating cycles max)
400
Keying to Mating Part
Yes
Number of Columns
32
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Vertical
PC Tail Length (in)
0.522 In
PC Tail Length (mm)
13.25 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.045 In, 0.157 In
PCB Thickness Recommended (mm)
1.20 mm, 4.00 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to PCB
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole - Compliant Pin, Wire Wrap
Electrical
Current - Maximum per Contact
1A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Material Info
Reference - Drawing Numbers
Product Specification
PS-36515-001
Sales Drawing
SD-36515-005
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36515Series


Similar Part No. - 36515-0098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
36515-0002 MOLEX5-36515-0002 Datasheet
211Kb / 4P
   2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
36515-0015 MOLEX5-36515-0015 Datasheet
203Kb / 4P
   2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.30關m (12關") Selective Gold (Au) Plating, 96 Circuits
36515-0050 MOLEX5-36515-0050 Datasheet
211Kb / 4P
   2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60關m (24關") Selective Gold (Au) Plating, 96 Circuits
36515-0074 MOLEX5-36515-0074 Datasheet
208Kb / 4P
   2.54mm (0.100") Pitch DIN 41612 Header, Style R, Vertical, Press-fit, 6.00mm (.236") PC Tail Length, 96 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com