Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

387006119 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 387006119
Description  8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 19 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

387006119 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  387006119 Datasheet HTML 1Page - Molex Electronics Ltd. 387006119 Datasheet HTML 2Page - Molex Electronics Ltd. 387006119 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0387006119
Status:
Active
Description:
8.26mm (.325") Pitch Beau™ PCB Terminal Strip, with Mounting Ends, 19 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
38700
Application
Wire-to-Board
Component Type
One Piece
Product Name
Fixed Mount Barrier
Type
Barrier Strip
Physical
Circuits (Loaded)
19
Circuits (maximum)
19
Entry Angle
Horizontal
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Horizontal
PC Tail Length (in)
0.140 In
PC Tail Length (mm)
3.56 mm
PCB Retention
Yes
Panel Mount
No
Pitch - Mating Interface (in)
0.325 In
Pitch - Mating Interface (mm)
8.26 mm
Pitch - Term. Interface (in)
0.325 In
Pitch - Term. Interface (mm)
8.25 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
No
Shrouded
Dual-Barrier
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +130°C
Termination Interface: Style
Through Hole
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.50 - 1.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Old Part Number
70519
Reference - Drawing Numbers
Sales Drawing
SD-38700-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38700Series
Mates With
N/A


Similar Part No. - 387006119

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
387006110 MOLEX5-387006110 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 10 Circuits
387006111 MOLEX5-387006111 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 11 Circuits
387006112 MOLEX5-387006112 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 12 Circuits
387006113 MOLEX5-387006113 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 13 Circuits
387006114 MOLEX5-387006114 Datasheet
260Kb / 3P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, with Mounting Ends, 14 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com