Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T4008U1C-B Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K6T4008U1C-B
Description  512Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4008U1C-B Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K6T4008U1C-B Datasheet HTML 2Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 3Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 4Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 5Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 6Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 7Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 8Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 9Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
K6T4008V1C, K6T4008U1C Family
CMOS SRAM
Revision 1.0
January 1999
7
TIMING WAVEFORM OF WRITE CYCLE(1) (WE Controlled)
Address
CS
tCW(2)
tWR(4)
TIMING WAVEFORM OF WRITE CYCLE(2) (CS Controlled)
Address
CS
tWC
tWR(4)
tAS(3)
tWP(1)
tDW
tDH
tOW
tWHZ
Data Undefined
Data Valid
WE
Data in
Data out
tDW
tDH
Data Valid
WE
Data in
Data out
High-Z
High-Z
tWC
tAW
tAS(3)
tCW(2)
tWP(1)
tAW
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of a low CS and a low WE. A write begins at the latest transition among CS going Low and WE
going low : A write end at the earliest transition among CS going high and WE going high, tWP is measured from the begining of write
to the end of write.
2. tCW is measured from the CS going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high.
DATA RETENTION WAVE FORM
CS controlled
VCC
3.0/2.7V
2.2V
VDR
CS
GND
Data Retention Mode
CS
≥VCC - 0.2V
tSDR
tRDR


Similar Part No. - K6T4008U1C-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008C SAMSUNG-K6T4008C Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C SAMSUNG-K6T4008C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-B SAMSUNG-K6T4008C1B-B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-DB55 SAMSUNG-K6T4008C1B-DB55 Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T4008U1C-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com