Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S643232F-TL55 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4S643232F-TL55
Description  2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643232F-TL55 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4S643232F-TL55 Datasheet HTML 4Page - Samsung semiconductor K4S643232F-TL55 Datasheet HTML 5Page - Samsung semiconductor K4S643232F-TL55 Datasheet HTML 6Page - Samsung semiconductor K4S643232F-TL55 Datasheet HTML 7Page - Samsung semiconductor K4S643232F-TL55 Datasheet HTML 8Page - Samsung semiconductor K4S643232F-TL55 Datasheet HTML 9Page - Samsung semiconductor K4S643232F-TL55 Datasheet HTML 10Page - Samsung semiconductor K4S643232F-TL55 Datasheet HTML 11Page - Samsung semiconductor K4S643232F-TL55 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
K4S643232F
CMOS SDRAM
- 9 -
Rev. 1.0 (Jan. 2002)
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf)=1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Note :
Parameter
Symbol
Version
Unit
-45
-50
-55
-60
-70
Row active to row active delay tRRD(min)
9
10
11
12
14
ns
RAS to CAS delay
tRCD(min)
18
15
16.5
18
20
ns
Row precharge time
tRP(min)
18
15
16.5
18
20
ns
Row active time
tRAS(min)
40.5
40
38.5
42
49
ns
tRAS(max)
100
us
Row cycle time
tRC(min)
58.5
55
55
60
70
ns
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
Parameter
Symbol
-45
-50
-55
-60
-70
Unit Note
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
CLK cycle time
CAS Latency=3
tCC
4.5
1000
5
1000
5.5
1000
6
1000
7
1000
ns
1
CAS Latency=2
10
10
10
10
10
CLK to valid
output delay
CAS Latency=3
tSAC
-
4.0
-
4.5
-
5.0
-
5.5
-
5.5
ns
1, 2
CAS Latency=2
-
6
-
6
-
6
-
6
-
6
Output data hold time
tOH
2
-
2
-
2
-
2
-
2
-
ns
2
CLK high pulse
width
CAS Latency=3
tCH
1.75
-
2
-
2
-
2.5
-
3
-
ns
3
CAS Latency=2
3
-
3
-
3
-
3
-
3
-
CLK low
pulse width
CAS Latency=3
tCL
1.75
-
2
-
2
-
2.5
-
3
-
ns
3
CAS Latency=2
3
-
3
-
3
-
3
-
3
-
Input setup time
CAS Latency=3
tSS
1.2
-
1.5
-
1.5
-
1.5
-
1.75
-
ns
3
CAS Latency=2
2.5
-
2.5
-
2.5
-
2.5
-
2.5
-
Input hold time
tSH
1
-
1
-
1
-
1
-
1
-
ns
3
CLK to output in Low-Z
tSLZ
1
-
1
-
1
-
1
-
1
-
ns
2
CLK to output
in Hi-Z
CAS latency=3
tSHZ
-
4.0
-
4.5
-
5.0
-
5.5
-
5.5
ns
-
CAS latency=2
-
6
-
6
-
6
-
6
-
6


Similar Part No. - K4S643232F-TL55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232F-TI60 SAMSUNG-K4S643232F-TI60 Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
K4S643232F-TI70 SAMSUNG-K4S643232F-TI70 Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
K4S643232F-TP60 SAMSUNG-K4S643232F-TP60 Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
K4S643232F-TP70 SAMSUNG-K4S643232F-TP70 Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
More results

Similar Description - K4S643232F-TL55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
   2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V653220BTC HYNIX-HY57V653220BTC Datasheet
154Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com