Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S641632F-TL60 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4S641632F-TL60
Description  64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S641632F-TL60 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4S641632F-TL60 Datasheet HTML 1Page - Samsung semiconductor K4S641632F-TL60 Datasheet HTML 2Page - Samsung semiconductor K4S641632F-TL60 Datasheet HTML 3Page - Samsung semiconductor K4S641632F-TL60 Datasheet HTML 4Page - Samsung semiconductor K4S641632F-TL60 Datasheet HTML 5Page - Samsung semiconductor K4S641632F-TL60 Datasheet HTML 6Page - Samsung semiconductor K4S641632F-TL60 Datasheet HTML 7Page - Samsung semiconductor K4S641632F-TL60 Datasheet HTML 8Page - Samsung semiconductor K4S641632F-TL60 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
K4S641632F
CMOS SDRAM
Rev.0.1 Sept. 2001
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
LDQM
WE
CAS
RAS
CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
PIN CONFIGURATION (Top view)
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
VSS
N.C/RFU
UDQM
CLK
CKE
N.C
A11
A9
A8
A7
A6
A5
A4
VSS
54Pin TSOP (II)
(400mil x 875mil)
(0.8 mm Pin pitch)
PIN FUNCTION DESCRIPTION
Pin
Name
Input Function
CLK
System clock
Active on the positive going edge to sample all inputs.
CS
Chip select
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and L(U)DQM
CKE
Clock enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
A0 ~ A11
Address
Row/column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA11, Column address : CA0 ~ CA7
BA0 ~ BA1
Bank select address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
RAS
Row address strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column address strobe
Latches column addresses on the positive going edge of the CLK with CAS low.
Enables column access.
WE
Write enable
Enables write operation and row precharge.
Latches data in starting from CAS, WE active.
L(U)DQM
Data input/output mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when L(U)DQM active.
DQ0 ~ 15
Data input/output
Data inputs/outputs are multiplexed on the same pins.
VDD/VSS
Power supply/ground
Power and ground for the input buffers and the core logic.
VDDQ/VSSQ
Data output power/ground
Isolated power supply and ground for the output buffers to provide improved noise
immunity.
N.C/RFU
No connection
/reserved for future use
This pin is recommended to be left No Connection on the device.


Similar Part No. - K4S641632F-TL60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L10 SAMSUNG-K4S641632C-TC/L10 Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L1H SAMSUNG-K4S641632C-TC/L1H Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L1L SAMSUNG-K4S641632C-TC/L1L Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L60 SAMSUNG-K4S641632C-TC/L60 Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
More results

Similar Description - K4S641632F-TL60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832F SAMSUNG-K4S640832F Datasheet
118Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D SAMSUNG-K4S640432D Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832C SAMSUNG-K4S640832C Datasheet
130Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832D SAMSUNG-K4S640832D Datasheet
128Kb / 10P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S8030D SAMSUNG-KM48S8030D Datasheet
117Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832E SAMSUNG-K4S640832E Datasheet
126Kb / 10P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com