Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S643232E-TC55 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K4S643232E-TC55
Description  2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643232E-TC55 Datasheet(HTML) 5 Page - Samsung semiconductor

  K4S643232E-TC55 Datasheet HTML 1Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 2Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 3Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 4Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 5Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 6Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 7Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 8Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
K4S643232E
CMOS SDRAM
- 5 -
Rev. 1.3 (Oct. 2001)
PIN FUNCTION DESCRIPTION
Pin
Name
Input Function
CLK
System clock
Active on the positive going edge to sample all inputs.
CS
Chip select
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and DQM.
CKE
Clock enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disables input buffers for power down mode.
A0 ~ A10
Address
Row/column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA10, Column address : CA0 ~ CA7
BA0,1
Bank select address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
RAS
Row address strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column address strobe
Latches column addresses on the positive going edge of the CLK with CAS low.
Enables column access.
WE
Write enable
Enables write operation and row precharge.
Latches data in starting from CAS, WE active.
DQM0 ~ 3
Data input/output mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when DQM active.
DQ0 ~ 31
Data input/output
Data inputs/outputs are multiplexed on the same pins.
VDD/VSS
Power supply/ground
Power and ground for the input buffers and the core logic.
VDDQ/VSSQ
Data output power/ground
Isolated power supply and ground for the output buffers to provide improved noise
immunity.
NC
No Connection
This pin is recommended to be left No connection on the device.


Similar Part No. - K4S643232E-TC55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232E-TE50 SAMSUNG-K4S643232E-TE50 Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232E-TE60 SAMSUNG-K4S643232E-TE60 Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232E-TE70 SAMSUNG-K4S643232E-TE70 Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TI60 SAMSUNG-K4S643232E-TI60 Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S643232E-TC55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
   2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V653220BTC HYNIX-HY57V653220BTC Datasheet
154Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com