Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42226-0422 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 42226-0422
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 2 Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

42226-0422 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  42226-0422 Datasheet HTML 1Page - Molex Electronics Ltd. 42226-0422 Datasheet HTML 2Page - Molex Electronics Ltd. 42226-0422 Datasheet HTML 3Page - Molex Electronics Ltd. 42226-0422 Datasheet HTML 4Page - Molex Electronics Ltd. 42226-0422 Datasheet HTML 5Page - Molex Electronics Ltd. 42226-0422 Datasheet HTML 6Page - Molex Electronics Ltd. 42226-0422 Datasheet HTML 7Page - Molex Electronics Ltd. 42226-0422 Datasheet HTML 8Page - Molex Electronics Ltd. 42226-0422 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
REV:
SHEET No.
J
TITLE:
.100 POLARIZING
BREAKAWAY HEADER ASSY.
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42226 -001
S. LINEHAN 03/04/2004
K.SAMIEC 03/04/2003
Y. MARGULIS 03/04/2004
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42226-0213/0246
HEADER NUMBER:
41410
PIN NUMBER:
42663-CCA154
PIN LENGTH: L
.670/17.02
MATING LENGTH: M
.295/7.49
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.120/3.05
TIN: T
OVERALL
DIMENSION Y
.022/0.56
CKTS:
3-36
KINKS:
NO
REMOVED BACKWALLS:
YES
VOIDED CKTS:
NONE
PACKAGING:
BULK
40873-0056
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
20
22-28-2207 A-42226-0230
03
22-28-2037 A-42226-0213
21
22-28-2217 A-42226-0231
04
22-28-2047 A-42226-0214
22
22-28-2227 A-42226-0232
05
22-28-2057 A-42226-0215
23
22-28-2237 A-42226-0233
06
22-28-2077 A-42226-0216
24
22-28-2247 A-42226-0234
07
22-28-2077 A-42226-0217
25
22-28-2257 A-42226-0235
08
22-28-2087 A-42226-0218
26
22-28-2267 A-42226-0236
09
22-28-2097 A-42226-0219
27
22-28-2277 A-42226-0237
10
22-28-2107 A-42226-0220
28
22-28-2287 A-42226-0238
11
22-28-2117 A-42226-0221
29
22-28-2297 A-42226-0239
12
22-28-2127 A-42226-0222
30
22-28-2307 A-42226-0240
13
22-28-2137 A-42226-0223
31
22-28-2317 A-42226-0241
14
22-28-2147 A-42226-0224
32
22-28-2327 A-42226-0242
15
22-28-2157 A-42226-0225
33
22-28-2337 A-42226-0243
16
22-28-2167 A-42226-0226
34
22-28-2347 A-42226-0244
17
22-28-2177 A-42226-0227
35
22-28-2357 A-42226-0245
18
22-28-2187 A-42226-0228
36
22-28-2367 A-42226-0246
19
22-28-2197 A-42226-0229
A-42226-0248/0281
HEADER NUMBER:
41410
PIN NUMBER:
42663-CCB208
PIN LENGTH: L
.670/17.02
MATING LENGTH: M
.295/7.49
GOLD POINT: G
.140/3.56
PC TAIL LENGTH: P
.120/3.05
TIN: T
.135/3.43
DIMENSION Y
.022/0.56
CKTS:
3-36
KINKS:
NO
REMOVED BACKWALLS:
YES
VOIDED CKTS:
NONE
PACKAGING:
BULK
40873-0056
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
20
22-28-2208 A-42226-0265
03
22-28-2038
A-42226-0248
21
22-28-2218 A-42226-0266
04
22-28-2048
A-42226-0249
22
22-28-2228 A-42226-0267
05
22-28-2058
A-42226-0250
23
22-28-2238 A-42226-0268
06
22-28-2068
A-42226-0251
24
22-28-2248 A-42226-0269
07
22-28-2078
A-42226-0252
25
22-28-2258 A-42226-0270
08
22-28-2088
A-42226-0253
26
22-28-2268 A-42226-0271
09
22-28-2098
A-42226-0254
27
22-28-2278 A-42226-0272
10
22-28-2108
A-42226-0255
28
22-28-2288 A-42226-0273
11
22-28-2118
A-42226-0256
29
22-28-2298 A-42226-0274
12
22-28-2128
A-42226-0257
30
22-28-2308 A-42226-0275
13
22-28-2138
A-42226-0258
31
22-28-2318 A-42226-0276
14
22-28-2148
A-42226-0259
32
22-28-2328 A-42226-0277
15
22-28-2158
A-42226-0260
33
22-28-2338 A-42226-0278
16
22-28-2168
A-42226-0261
34
22-28-2348 A-42226-0279
17
22-28-2178
A-42226-0262
35
22-28-2358 A-42226-0280
18
22-28-2188
A-42226-0263
36
22-28-2368 A-42226-0281
19
22-28-2198
A-42226-0264


Similar Part No. - 42226-0422

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42226-0002 MOLEX11-42226-0002 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 2 Circuits, Tin (Sn) Plating
42226-0003 MOLEX2-42226-0003 Datasheet
231Kb / 9P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 3 Circuits, Tin (Sn) Plating
42226-0003 MOLEX11-42226-0003 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 3 Circuits, Tin (Sn) Plating
42226-0004 MOLEX2-42226-0004 Datasheet
231Kb / 9P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 4 Circuits, Tin (Sn) Plating
42226-0004 MOLEX11-42226-0004 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 4 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com