Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S643232E-TP60 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4S643232E-TP60
Description  2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643232E-TP60 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4S643232E-TP60 Datasheet HTML 3Page - Samsung semiconductor K4S643232E-TP60 Datasheet HTML 4Page - Samsung semiconductor K4S643232E-TP60 Datasheet HTML 5Page - Samsung semiconductor K4S643232E-TP60 Datasheet HTML 6Page - Samsung semiconductor K4S643232E-TP60 Datasheet HTML 7Page - Samsung semiconductor K4S643232E-TP60 Datasheet HTML 8Page - Samsung semiconductor K4S643232E-TP60 Datasheet HTML 9Page - Samsung semiconductor K4S643232E-TP60 Datasheet HTML 10Page - Samsung semiconductor K4S643232E-TP60 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
K4S643232E-TI/P
CMOS SDRAM
- 7 -
Rev. 1.2 (Oct. 2001)
(Recommended operating condition unless otherwise noted, TA = -45oC to +85oC, VIH(min)/VIL(max)=2.0V/0.8V)
Parameter
Symbol
Test Condition
CAS
Latency
Speed
Unit Note
-60
-70
Operating Current
(One Bank Active)
ICC1
Burst Length =1
tRC
≥ tRC(min), tCC ≥ tCC(min), Io = 0mA
3
170
155
mA
2
2
150
150
Precharge Standby Current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 15ns
3
mA
ICC2PS
CKE
& CLK ≤ VIL(max), tCC = ∞
2
Precharge Standby Current
in non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
20
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
10
Active Standby Current
in power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 15ns
7
mA
ICC3PS
CKE
≤ VIL(max), tCC = ∞
5
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 15ns
Input signals are changed one time during 30ns
55
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
40
Operating Current
(Burst Mode)
ICC4
Io = 0 mA, Page Burst
All bank Activated, tCCD = tCCD(min)
3
180
170
mA
2
2
150
150
Refresh Current
ICC5
tRC
≥ tRC(min)
3
185
165
mA
3
2
160
160
Self Refresh Current
ICC6
CKE
≤ 0.2V
3
mA
4
450
uA
5
DC CHARACTERISTICS
1. Unless otherwise notes, Input level is CMOS(VIH/VIL=VDDQ/VSSQ) in LVTTL.
2. Measured with outputs open.
3. Refresh period is 64ms.
4. K4S643232E-TI**
5. K4S643232E-TP**
Notes :


Similar Part No. - K4S643232E-TP60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232E-TC45 SAMSUNG-K4S643232E-TC45 Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TC50 SAMSUNG-K4S643232E-TC50 Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TC55 SAMSUNG-K4S643232E-TC55 Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TC60 SAMSUNG-K4S643232E-TC60 Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TC70 SAMSUNG-K4S643232E-TC70 Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S643232E-TP60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
   2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V653220BTC HYNIX-HY57V653220BTC Datasheet
154Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com