Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

981524 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 981524
Description  5.08mm (.200") Pitch Beau??Eurostyle??Surface Mount Compatible Locking Header, 24 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

981524 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  981524 Datasheet HTML 1Page - Molex Electronics Ltd. 981524 Datasheet HTML 2Page - Molex Electronics Ltd. 981524 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0399800424
Status:
Active
Description:
5.08mm (.200") Pitch Beau™ Eurostyle™ Surface Mount Compatible Locking Header,
24 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E48521
General
Product Family
Terminal Blocks
Series
39980
Application
Wire-to-Board
Comments
Gold plating available
Component Type
PCB Header
Product Literature Order No
USA-267
Product Name
Eurostyle™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
24
Color - Resin
Black
Entry Angle
N/A
Flammability
94V-0
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.150 In
PC Tail Length (mm)
3.81 mm
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.200 In
Pitch - Mating Interface (mm)
5.08 mm
Pitch - Term. Interface (in)
0.200 In
Pitch - Term. Interface (mm)
5.08 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
Yes
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
140°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
10A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39980Series
Mates With
39980-2124 Spring Clamp Plug, 39980-0324
Screw Clamp Plug


Similar Part No. - 981524

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
981524 MOLEX11-981524 Datasheet
41Kb / 2P
   5.08mm Pitch Beau Eurostyle Surface Mount Compatible Locking Header, 24
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com