Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S641632F-TC70 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4S641632F-TC70
Description  64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S641632F-TC70 Datasheet(HTML) 3 Page - Samsung semiconductor

  K4S641632F-TC70 Datasheet HTML 1Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 2Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 3Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 4Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 5Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 6Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 7Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 8Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
K4S641632F
CMOS SDRAM
Rev.0.1 Sept. 2001
The K4S641632F is 67,108,864 bits synchronous high data
rate Dynamic RAM organized as 4 x 1,048,576 words by 16
bits, fabricated with SAMSUNG
′s high performance CMOS
technology. Synchronous design allows precise cycle control
with the use of system clock I/O transactions are possible on
every clock cycle. Range of operating frequencies, programma-
ble burst length and programmable latencies allow the same
device to be useful for a variety of high bandwidth, high perfor-
mance memory system applications.
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
-. CAS latency (2 & 3)
-. Burst length (1, 2, 4, 8 & Full page)
-. Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system
clock
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 64ms refresh period (4K cycle)
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
1M x 16Bit x 4 Banks Synchronous DRAM
Samsung Electronics reserves the right to change products or specification without notice.
*
Bank Select
Data Input Register
1M x 16
1M x 16
Column Decoder
Latency & Burst Length
Programming Register
LCKE
LRAS
LCBR
LWE
LDQM
CLK
CKE
CS
RAS
CAS
WE
L(U)DQM
LWE
LDQM
DQi
CLK
ADD
LCAS
LWCBR
1M x 16
1M x 16
Timing Register
ORDERING INFORMATION
Part No.
Max Freq.
Interface Package
K4S641632F-TC50/TL50
200MHz(CL=3)
LVTTL
54
TSOP(II)
K4S641632F-TC55/TL55
183MHz(CL=3)
K4S641632F-TC60/TL60
166MHz(CL=3)
K4S641632F-TC70/TL70
143MHz(CL=3)
K4S641632F-TC75/TL75
133MHz(CL=3)
K4S641632F-TC1H/TL1H
100MHz(CL=2)
K4S641632F-TC1L/TL1L
100MHz(CL=3)


Similar Part No. - K4S641632F-TC70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L10 SAMSUNG-K4S641632C-TC/L10 Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L1H SAMSUNG-K4S641632C-TC/L1H Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L1L SAMSUNG-K4S641632C-TC/L1L Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L60 SAMSUNG-K4S641632C-TC/L60 Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
More results

Similar Description - K4S641632F-TC70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832F SAMSUNG-K4S640832F Datasheet
118Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D SAMSUNG-K4S640432D Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832C SAMSUNG-K4S640832C Datasheet
130Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832D SAMSUNG-K4S640832D Datasheet
128Kb / 10P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S8030D SAMSUNG-KM48S8030D Datasheet
117Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832E SAMSUNG-K4S640832E Datasheet
126Kb / 10P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com