Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S641632F-TC70 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4S641632F-TC70
Description  64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S641632F-TC70 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4S641632F-TC70 Datasheet HTML 2Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 3Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 4Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 5Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 6Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 7Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 8Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 9Page - Samsung semiconductor K4S641632F-TC70 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
K4S641632F
CMOS SDRAM
Rev.0.1 Sept. 2001
1. Measured with outputs open.
2. Refresh period is 64ms.
3. K4S641632F-TC**
4. K4S641632F-TL**
5. Unless otherwise noted, input swing IeveI is CMOS(VIH/VIL=VDDQ/VSSQ)
Notes :
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit Note
- 50 - 55
-60
- 70 - 75 -1H -1L
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
160 150 140 115 110 100 100 mA
1
Precharge standby current
in power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
1
mA
ICC2PS CKE & CLK
≤ VIL(max), tCC = ∞
1
Precharge standby current
in non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
15
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
6
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
3
mA
ICC3PS CKE & CLK
≤ VIL(max), tCC = ∞
3
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
30
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
25
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
180 170 160 140 135 110 110 mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
180 170 160 140 135 125 125 mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
C
1
mA
3
L
400
uA
4


Similar Part No. - K4S641632F-TC70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L10 SAMSUNG-K4S641632C-TC/L10 Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L1H SAMSUNG-K4S641632C-TC/L1H Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L1L SAMSUNG-K4S641632C-TC/L1L Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L60 SAMSUNG-K4S641632C-TC/L60 Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
More results

Similar Description - K4S641632F-TC70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832F SAMSUNG-K4S640832F Datasheet
118Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D SAMSUNG-K4S640432D Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832C SAMSUNG-K4S640832C Datasheet
130Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832D SAMSUNG-K4S640832D Datasheet
128Kb / 10P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S8030D SAMSUNG-KM48S8030D Datasheet
117Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832E SAMSUNG-K4S640832E Datasheet
126Kb / 10P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com