Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

399100110 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 399100110
Description  10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 10 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

399100110 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  399100110 Datasheet HTML 1Page - Molex Electronics Ltd. 399100110 Datasheet HTML 2Page - Molex Electronics Ltd. 399100110 Datasheet HTML 3Page - Molex Electronics Ltd. 399100110 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current - Maximum per Contact
60A
Voltage - Maximum
600V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
910510
Reference - Drawing Numbers
Sales Drawing
SD-39910-001
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 399100110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
399100111 MOLEX5-399100111 Datasheet
181Kb / 4P
   10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 11 Circuits
399100112 MOLEX5-399100112 Datasheet
177Kb / 4P
   10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 12 Circuits
399100113 MOLEX5-399100113 Datasheet
181Kb / 4P
   10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 13 Circuits
399100114 MOLEX5-399100114 Datasheet
181Kb / 4P
   10.16mm (.400") Beau??Eurostyle?? Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 14 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com