Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S643232E-TI Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4S643232E-TI
Description  2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643232E-TI Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4S643232E-TI Datasheet HTML 2Page - Samsung semiconductor K4S643232E-TI Datasheet HTML 3Page - Samsung semiconductor K4S643232E-TI Datasheet HTML 4Page - Samsung semiconductor K4S643232E-TI Datasheet HTML 5Page - Samsung semiconductor K4S643232E-TI Datasheet HTML 6Page - Samsung semiconductor K4S643232E-TI Datasheet HTML 7Page - Samsung semiconductor K4S643232E-TI Datasheet HTML 8Page - Samsung semiconductor K4S643232E-TI Datasheet HTML 9Page - Samsung semiconductor K4S643232E-TI Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
K4S643232E-TI/P
CMOS SDRAM
- 6 -
Rev. 1.2 (Oct. 2001)
DC OPERATING CONDITIONS
•Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -45oC to +85oC)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDDQ+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
ILI
-10
-
10
uA
3
1. VIH (max) = 5.6V AC.The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ,
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
4. The VDD condition of K4S643232E-60 is 3.135V ~ 3.6V
Notes :
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
CAPACITANCE (VDD = 3.3V, TA = 23
°C, f = 1MHz, VREF = 1.4V ± 200 mV)
Pin
Symbol
Min
Max
Unit
Clock
CCLK
-
4
pF
RAS, CAS, WE, CS, CKE, DQM
CIN
-
4.5
pF
Address
CADD
-
4.5
pF
DQ0 ~ DQ31
COUT
-
6.5
pF


Similar Part No. - K4S643232E-TI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232E-TC45 SAMSUNG-K4S643232E-TC45 Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TC50 SAMSUNG-K4S643232E-TC50 Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TC55 SAMSUNG-K4S643232E-TC55 Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TC60 SAMSUNG-K4S643232E-TC60 Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TC70 SAMSUNG-K4S643232E-TC70 Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S643232E-TI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
   2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V653220BTC HYNIX-HY57V653220BTC Datasheet
154Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com